| Zakładka z wyszukiwarką danych komponentów |
|
PECO2-x-4809Z21LF Arkusz danych(PDF) 4 Page - PEAK electronics GmbH |
|
|
|||||||||||||||||||||||||||||
PECO2-x-4809Z21LF Arkusz danych(HTML) 4 Page - PEAK electronics GmbH |
|
4 / 4 page ![]() PECO-Series – PECO2-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case Specification can change without a notice – We accept no liability for any inaccuracy or printing errors. Page 4/4 Package / Pinning / Derating Standard Optional: Please add „M“ before LF # Single Dual # Single 1.5kV Dual 1.5kV # Single Dual 2 - Vin - Vin 1 +Vin +Vin 1 +Vin +Vin 3 - Vin - Vin 2 N.C. - Vout 2 +Vin +Vin 9 Omitted Common 3 N.C. Common 10 N.C. Common 11 N.C. - Vout 9 Omitted Omitted 11 N.C. Common 14 + Vout +Vout 10 - Vout Common 12 - Vout N.C. 16 - Vout Common 11 +Vout +Vout 13 +Vout - Vout 22 +Vin +Vin 12 - Vin - Vin 15 N.C. +Vout 23 +Vin +Vin 13 - Vin - Vin 23 - Vin - Vin Same pinning for 3.5kV models! 14 +Vout +Vout 24 - Vin - Vin 15 - Vout Common Same pinning for 3.5kV models! 16 Omitted Omitted 22 N.C. Common 23 N.C. - Vout 24 +Vin +Vin Only 1.5 kV isolation for pinning"B" available! PINNING “A” PINNING “B” PINNING “C” App Notes: ¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH. ² = Tested by nominal Vin and constant resistor load. - Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications. Example: Pinning “C”, single output, metal case PECO 2 - C - 12 05 E 2:1 M LF Series 2 Watt Pinning “C” Input voltage Output voltage single output 2:1 wide input Metal case RoHS Example: Pinning “A”, dual output, plastic case, 3.5kV isolation PECO 2 - A - 24 12 Z 2:1 H35 LF Series 2 Watt Pinning “A” Input voltage Output voltage dual output 2:1 wide input 3.5kV isolation RoHS 85 100% 75% 50% 25% -40 0 20 40 60 80 100 AMBIENT TEMPERATURE (°C) TEMPERATURE DERATING GRAPH |