| Zakładka z wyszukiwarką danych komponentów |
|
PSA25LS-033 Arkusz danych(PDF) 1 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
PSA25LS-033 Arkusz danych(HTML) 1 Page - Phihong USA Inc. |
|
1 / 3 page ![]() Revised 10/16/2013 WWW.PHIHONG.COM 25W Universal Input, Compact PCB PSA25LS Open Frame with C14 Connector Features Compact 2” x 5: PCB Low .85” Profile CISPR 22B ; FCC B EMI Integral AC Connector Applications Networking Peripherals and Terminals Compact Equipment Microcomputers Safety Approvals cUL 1950 TUV EN60950 CE (Low Voltage Directive) Mechanical Characteristics Length: 127mm (5in) Height: 21.4mm (0.85in) Width: 50.8mm (2in) Weight: 135g (4.7oz) Output Specifications *Measured at maximum load by using a 12-inch twisted pair, terminated with a 10mfd capacitor and 0.1mfd ceramic in parallel. Note (1) – Minimum order quantity of 2000 pieces required for this series Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the most up-to-date specifications and contact information. Model (1) (3 Wire Version) DC Output Voltage Load Ripple* Regulation Max Power Min. Max. P-P (max.) Line Load PSA25LS-033 3.3V 0A 5A 50mV ±1% ±2% 16.5W PSA25LS-050 5.0V 0A 5A 50mV ±1% ±2% 25.0W |
Podobny numer części - PSA25LS-033_14 |
|
Podobny opis - PSA25LS-033_14 |