Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHCD201612A-R24M-A8S Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części MHCD201612A-R24M-A8S
Szczegółowy opis  Molding Power Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MHCD201612A-R24M-A8S Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  MHCD201612A-R24M-A8S Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCD201612A-R24M-A8S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Molding Power Choke – MHCD Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
MHCD201210A-R33M-A8S
0.33
20
2
2.4(3.0)
3.6(4.2)
75(58)
MHCD201210A-R47M-A8S
0.47
20
2
2.2(2.8)
3.2(4.0)
80(61)
MHCD201210A-R68M-A8S
0.68
20
2
2.0(2.5)
3.0(3.6)
105(82)
MHCD201210A-1R0M-A8S
1.0
20
2
1.6(2.0)
2.0(2.6)
155(137)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991A/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
00.5
11.5
22.5
33.5
44.5
5
DC Current(A)
R33
R47
R68
1R0
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Current(A)
R33
R47
R68
1R0



Html Pages

1 2 3 4 5 6 7 8 9