Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KBPC10066 Arkusz danych(PDF) 2 Page - Continental Device India Limited

Numer części KBPC10066
Szczegółowy opis  SINGLE PHASE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC10066 Arkusz danych(HTML) 2 Page - Continental Device India Limited

  KBPC10066 Datasheet HTML 1Page - Continental Device India Limited KBPC10066 Datasheet HTML 2Page - Continental Device India Limited KBPC10066 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBPC1001 - KBPC10005
KBPC-8
Leaded Plastic Package
DIM
Min
Max
DIM
Min
Max
A
18.5
19.6
E
12.2
13.2
B
6.50
7.5
F
12.20
13.2
C
19.10
G
1.00
1.1
D
18.50
19.6
Packaging Information
Package/
Packaging Type
Std Packing
Case Type
Qty
KBPC-8
Bulk
400
Bulk: Lose in Poly bags
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
KBPC1001_005 Rev170206D
KBPC-8 Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3