Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX85C30 Arkusz danych(PDF) 2 Page - Continental Device India Limited

Numer części BZX85C30
Szczegółowy opis  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX85C30 Arkusz danych(HTML) 2 Page - Continental Device India Limited

  BZX85C30 Datasheet HTML 1Page - Continental Device India Limited BZX85C30 Datasheet HTML 2Page - Continental Device India Limited BZX85C30 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR
@
VR
IZM
IZSM##
@IZT*
@IZT*
of
Ta=
Zener Voltage 25 deg C 150degC
min
max
max
max
typ
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(%/deg C)
(uA)
(uA)
(V)
(mA)
(mA)
BZX85C 27
25.10
28.90
30
8.0
750
0.25
+0.09
0.5
10
20
41
288
BZX85C 30
28.00
32.00
30
8.0
1000
0.25
+0.09
0.5
10
22
36
260
BZX85C 33
31.00
35.00
35
8.0
1000
0.25
+0.09
0.5
10
24
33
238
BZX85C 36
34.00
38.00
40
8.0
1000
0.25
+0.09
0.5
10
27
30
219
BZX85C 39
37.00
41.00
50
6.0
1000
0.25
+0.09
0.5
10
30
28
203
BZX85C 43
40.00
46.00
50
6.0
1000
0.25
+0.09
0.5
10
33
26
181
BZX85C 47
44.00
50.00
90
4.0
1500
0.25
+0.09
0.5
10
36
23
167
BZX85C 51
48.00
54.00
115
4.0
1500
0.25
+0.09
0.5
10
39
21
154
*Pulse Condition : 20ms <=tp<=50ms, Duty Cycle =2%
## Rectangular wave form (tp=10ms)
On request also available in 26 mm Tape and Ammo Pack
@IZK
DO-41 Glass Axial Package
DO-41, 52mm Taping Specification
A
A
B
DIM
MIN
MAX
A
27.90
—
B
4.06
5.51
C0.71
0.87
D2.03
2.72
NOTES
1. Cathode is m arked by Band.
2. All dim ensions are in m m .
1.5 R M AX.
5.50
4.50
52.0
48.0
11 D IO D E S
A ll dim ensions in m m .
LABEL
2 55
.0 m
m
TAPES
LEADER
6.0 ± 1.0
± 1.0
± 2.0
52.0
6.0
FE
ED
52 mm Taping Specification
T & A indicates Axil Tape & Ammo packing (52 m m
Tape Spacing).
300 m m (m in) leader tape on every spool.
No. of em pty places allowed 0.25% without
consecutive em pty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not com e free in norm al
handling.
DO -41:- 2500 pcs./Am m o P ack
DIO DE AM M O PA CK
73.5
m m
Com ponents shall be held sufficiently in the tape or
4.
3.
2.
1.
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3