| Zakładka z wyszukiwarką danych komponentów |
|
BC635 Arkusz danych(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
BC635 Arkusz danych(HTML) 3 Page - Continental Device India Limited |
|
3 / 5 page ![]() Pin 1: Cathode Pin 3: Anode DIM Min Max DIM Min Max A 4.32 5.33 G 1.14 1.40 B 4.45 5.20 H 1.20 1.80 C 3.18 4.19 K 12.5 D 0.40 0.55 L 1.982 2.082 E 0.30 0.55 M 1.03 1.53 F Pin 1 Emitter Pin 2 Pin 3 Collector BC635_BC640Rev_4 030196E TO-92 Leaded Plastic Package All Dimensions are in mm 5º Continental Device India Limited Data Sheet Page 3 of 5 TO-92 Plastic Package 2N5551 For Lead Free Parts, Device Part # will be Prefixed with "T" TO-92 Plastic Package SILICON PLANAR EPITAXIAL TRANSISTORS Base BC635, 637, 639 NPN BC636, 638, 640 PNP |