| Zakładka z wyszukiwarką danych komponentów |
|
ACT5880 Arkusz danych(PDF) 15 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 Arkusz danych(HTML) 15 Page - Active-Semi, Inc |
|
15 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 15 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute FUNCTION BLOCK ADDR. BITS NAMES AND DEFAULTS D7 D6 D5 D4 D3 D2 D1 D0 ODO1 0x70 ISCALE1[1] ISCALE1[0] ISET1[5] ISET1[4] ISET1[3] ISET1[2] ISET1[1] ISET1[0] 0 0 0 0 0 0 0 0 ODO1 0x71 DUTY1[7] DUTY1[6] DUTY1[5] DUTY1[4] DUTY1[3] DUTY1[2] DUTY1[1] DUTY1[0] 0 0 0 0 0 0 0 0 ODO2 0x73 ISCALE2[1] ISCALE2[0] ISET2[5] ISET2[4] ISET2[3] ISET2[2] ISET2[1] ISET2[0] 0 0 0 0 0 0 0 0 ODO2 0x74 DUTY2[7] DUTY2[6] DUTY2[5] DUTY2[4] DUTY2[3] DUTY2[2] DUTY2[1] DUTY2[0] 0 0 0 0 0 0 0 0 ODO3 0x76 ISCALE3[1] ISCALE3[0] ISET3[5] ISET3[4] ISET3[3] ISET3[2] ISET3[1] ISET3[0] 0 0 0 0 0 0 0 0 ODO3 0x77 DUTY3[7] DUTY3[6] DUTY3[5] DUTY3[4] DUTY3[3] DUTY3[2] DUTY3[1] DUTY3[0] 0 0 0 0 0 0 0 0 ODO 0x79 THERMAL_OK OK1 OK2 OK3 RFU RFU RFU BUFFER R R R R 0 0 0 0 RTC 0x80 x x SEC[5] SEC[4] SEC[3] SEC[2] SEC[1] SEC[0] x x R R R R R R RTC 0x84 x x MIN[5] MIN[4] MIN[3] MIN[2] MIN[1] MIN[0] x x R R R R R R RTC 0x88 x x x HR[4] HR[3] HR[2] HR[1] HR[0] x x x R R R R R RTC 0x8C DAY[7] DAY[6] DAY[5] DAY[4] DAY[3] DAY[2] DAY[1] DAY[0] R R R R R R R R RTC 0x8D DAY[15] DAY[14] DAY[13] DAY[12] DAY[11] DAY[10] DAY[9] DAY[8] R R R R R R R R RTC 0x90 x x ALMSEC[5] ALMSEC[4] ALMSEC[3] ALMSEC[2] ALMSEC[1] ALMSEC[0] x x 0 0 0 0 0 0 RTC 0x94 x x ALMMIN[5] ALMMIN[4] ALMMIN[3] ALMMIN[2] ALMMIN[1] ALMMIN[0] x x 0 0 0 0 0 0 RTC 0x98 x x x ALMHR[4] ALMHR[3] ALMHR[2] ALMHR[1] ALMHR[0] x x x 0 0 0 0 0 RTC 0x9C CLKSRC nWKALM x x x x x x 0 0 0 0 0 0 0 0 RTC 0xA0 x RCL RAAI RDAI RHAI RMAI RSAI RTCEN x 0 0 0 0 0 0 0 GLOBAL REGISTER MAP Cont'd in next page. Note: ODO1 to ODO3: The registers for the open drain driver ODO1 to ODO3; The ODO is the shared register for all the 3 drivers. RTC: The registers for Real Time Clock block. RFU is the bit reserved for future use. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |