Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GXAP01 Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers

Numer części GXAP01
Szczegółowy opis  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

GXAP01 Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GXAP01 Datasheet HTML 14Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 15Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 16Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 17Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 18Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 19Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 20Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 21Page - List of Unclassifed Manufacturers GXAP01 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
151
CAUTION . . . The thermal cutoff may fail to open the electrical circuit under certain conditions.
Distortion of the case, breaking or cracking the seal, exposing the epoxy seal to cleaning solvents,
compression of the leads and current surges that exceed the operating specifications of the thermal
cutoff may cause the thermal cutoff not to open. In addition, pellet shrinkage due to thermal
aging under some circumstances may also result in failure to open. Finally, a very low rate of
temperature rise may produce conditions that may also result in failure to open. Care must be
taken to avoid any mishandling or misapplication of the thermal cutoff.
CAUTION . . . Although TCOs are highly reliable devices, a TCO may fail to open in operation for
one or more of the reasons set forth above. These conditions must be taken into account by the
product design engineer in determining the level of reliability needed for the application. If failure
of the TCO to open could result in personal injury or property damage, the product design engineer
may want to consider using one or more redundant TCOs of different ratings to achieve the
desired level of reliability. A number of consumer product design engineers have incorporated
redundant TCOs of different ratings in their designs for this reason.
Definition of Terms
Maximum Open Temperature or Rated Functioning Temperature (Tf, TF):
The maximum temperature at which the thermal cutoff changes its state of conductivity to open
circuit with detection current as the only load. The rated functioning temperature is measured
during a temperature rise of approximately 0.5°C per minute.
Holding Temperature (Th, TH):
The maximum temperature at which, when applying the rated current to the thermal cutoff, the
state of conductivity will not change during a period of one week.
Maximum Overshoot Temperature or Maximum Temperature Limit (Tm, TM):
The maximum temperature at which the thermal cutoff, having changed its state of conductivity,
can be maintained for a specified period of time, during which its mechanical and electrical
properties will not be impaired.
Rated Voltage:
The maximum voltage that can be applied to the circuit in which the thermal cutoff is used.
Rated Current:
The maximum current that the thermal cutoff is rated to interrupt at the rated voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com