| Zakładka z wyszukiwarką danych komponentów |
|
BLE113 Arkusz danych(PDF) 22 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BLE113 Arkusz danych(HTML) 22 Page - List of Unclassifed Manufacturers |
|
22 / 30 page ![]() Bluegiga Technologies Oy Page 22 of 30 6 Soldering Recommendations BLE113 is compatible with industrial standard reflow profile for Pb-free solders. The reflow profile used is dependent on the thermal mass of the entire populated PCB, heat transfer efficiency of the oven and particular type of solder paste used. Consult the datasheet of particular solder paste for profile configurations. Bluegiga Technologies will give following recommendations for soldering the module to ensure reliable solder joint and operation of the module after soldering. Since the profile used is process and layout dependent, the optimum profile should be studied case by case. Thus following recommendation should be taken as a starting point guide. - Refer to technical documentations of particular solder paste for profile configurations - Avoid using more than one flow. - Reliability of the solder joint and self-alignment of the component are dependent on the solder volume. Minimum of 150 m stencil thickness is recommended. - Aperture size of the stencil should be 1:1 with the pad size. - A low residue, “no clean” solder paste should be used due to low mounted height of the component. Figure 16: Reference reflow profile |