| Zakładka z wyszukiwarką danych komponentów |
|
BLE121LR Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BLE121LR Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 29 page ![]() Bluegiga Technologies Oy Page 8 of 29 9 P0_4 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 10 P0_5 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 11 P0_6 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 12 P0_7 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 30 P1_2 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 29 P1_3 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 28 P1_4 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 27 P1_5 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 17 P1_6 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 19 P2_0 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 20 P2_1 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping 21 P2_2 I/O Configurable Input/Output. See Table 4: Peripheral I/O Pin Mapping Table 2: Configurable I/O Terminals Pin Number Pin Name Pad Type Description 24 SCL I2C clock 25 SDA I2C data 18 DCDC_CNTRL Output On / by-pass control for an external DCDC converter Table 3: Non-configurable Terminals |