Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SP802T/804T Arkusz danych(PDF) 8 Page - Sipex Corporation

Numer części SP802T/804T
Szczegółowy opis  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIPEX [Sipex Corporation]
Strona internetowa  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802T/804T Arkusz danych(HTML) 8 Page - Sipex Corporation

Back Button SP802T/804T Datasheet HTML 4Page - Sipex Corporation SP802T/804T Datasheet HTML 5Page - Sipex Corporation SP802T/804T Datasheet HTML 6Page - Sipex Corporation SP802T/804T Datasheet HTML 7Page - Sipex Corporation SP802T/804T Datasheet HTML 8Page - Sipex Corporation SP802T/804T Datasheet HTML 9Page - Sipex Corporation SP802T/804T Datasheet HTML 10Page - Sipex Corporation SP802T/804T Datasheet HTML 11Page - Sipex Corporation SP802T/804T Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© 2006 Sipex Corporation
8
Figure 7. Reset Output Resistance vs. Temperature
Figure 9. Battery Current vs. V
CC Voltage
Figure 8. Reset Timeout vs. Temperature
Figure 10. Reset-Comparator Propagation Delay vs.
Temperature
Figure 11. V
CC to VOUT Vs. Output Current
Figure 12. V
BATTERY to VOUT Vs. Output Current
1E-06
decade
/div
1E-14
5.000
.0000
V3
.5000/div
(V)
1000
100
10
1
1
10
100
IOUT (mA)
VCC = 4.5V
VBATTERY = 0V
1000
100
10
1
1
10
IOUT (mA)
VCC = 0V
VBATTERY = 4.5V
14000
12000
10000
8000
6000
4000
2000
0
-60
-35
-10
15
40
65
90
115
140
Temperature (
o
C)
185
180
175
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)
30
26
22
18
14
10
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com