Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TR8001 Arkusz danych(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Numer części TR8001
Szczegółowy opis  868.35 MHz Hybrid Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR8001 Arkusz danych(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TR8001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR8001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2014 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR8001-03132014
Designed for Short-Range Wireless Data Communications
Supports RF Data Transmission Rates Up to 115.2 kbps
3 V, Low Current Operation plus Sleep Mode
Up to 10 mW Transmitter Power
The TR8001 hybrid transceiver is ideal for short-range wireless data applications where robust
operation, small size, low power consumption and low cost are required. The TR8001 employs
RFM’s amplifier-sequenced hybrid (ASH) architecture to achieve this unique blend of character-
istics. All critical RF functions are contained in the hybrid, simplifying and speeding design-in.
The receiver section of the TR8001 is sensitive and stable. A wide dynamic range log detector,
in combination with digital AGC and a compound data slicer, provide robust performance in the
presence of on-channel interference or noise. Two stages of SAW filtering provide excellent re-
ceiver out-of-band rejection. The transmitter includes provisions for both on-off keyed (OOK) and
amplitude-shift keyed (ASK) modulation. The transmitter employs SAW filtering to suppress out-
put harmonics, facilitating compliance with ETSI I-ETS 300 220 and similar regulations.
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds, 5 cycles maximum)
260
°C
868.35 MHz
Hybrid
Transceiver
TR8001
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
868.020
868.580
MHz
Data Modulation Type
OOK/ASK
OOK Data Rate
30
kb/s
ASK Data Rate
115.2
kb/s
Receiver Performance
Sensitivity, 4.8 kbps, 10-3 BER, AM Test Method
1
-108
dBm
Sensitivity, 4.8 kbps, 10-3 BER, Pulse Test Method
1
-102
dBm
Current, 4.8 kbps
4.2
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-104
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-98
dBm
Current, 19.2 kbps
4.25
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-99
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-93
dBm
Current, 115.2 kbps
4.3
mA
Receiver Out-of-Band Rejection, ±5% fo
R±5%
280
dB
Receiver Ultimate Rejection
RULT
2100
dB
Absolute Maximum Ratings


Podobny numer części - TR8001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
868.35 MHz Hybrid Transceiver
More results

Podobny opis - TR8001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
DR3001 RFM-DR3001 Datasheet
67Kb / 5P
868.35 MHz Transceiver Module
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
RX6001 RFM-RX6001 Datasheet
89Kb / 10P
868.35 MHz Hybrid Receiver
RX6501 RFM-RX6501 Datasheet
65Kb / 10P
868.35 MHz Hybrid Receiver
TR1001 RFM-TR1001 Datasheet
85Kb / 12P
868.35 MHz Hybrid Transceiver
TX6001 RFM-TX6001 Datasheet
52Kb / 6P
868.35 MHz Hybrid Transmitter
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
868.35 MHz Hybrid Transceiver
DR3001 MURATA-DR3001 Datasheet
294Kb / 5P
868.35 MHz Transceiver Module
DR8001 MURATA-DR8001 Datasheet
401Kb / 8P
868.35 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com