Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M22-DP-R Arkusz danych(PDF) 60 Page - List of Unclassifed Manufacturers

Numer części M22-DP-R
Szczegółowy opis  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Arkusz danych(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 62Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
60
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Button Lenses
Contact Block Mounting Adapter
Contact Blocks
Note
Discount Symbol: 1CD1.
Color
Inscription
Catalog Number
Flush
Price
U.S. $
Catalog Number
Extended
Price
U.S. $
White
M22-XDL-W
1.40
M22-XDLH-W
2.40
Red
M22-XDL-R
1.40
M22-XDLH-R
2.40
Green
M22-XDL-G
1.40
M22-XDLH-G
2.40
Yellow
M22-XDL-Y
1.40
M22-XDLH-Y
2.40
Blue
M22-XDL-B
1.40
M22-XDLH-B
2.40
White
Custom
M22-XDL-W-ETCH
2.40
M22-XDLH-W-ETCH
3.40
Red
Custom
M22-XDL-R-ETCH
2.40
M22-XDLH-R-ETCH
3.40
Green
Custom
M22-XDL-G-ETCH
2.40
M22-XDLH-G-ETCH
3.40
Yellow
Custom
M22-XDL-Y-ETCH
2.40
M22-XDLH-Y-ETCH
3.40
Blue
Custom
M22-XDL-B-ETCH
2.40
M22-XDLH-B-ETCH
3.40
Red
STOP
M22-XDL-R-GB0
2.40
M22-XDLH-R-GB0
3.40
Green
START
M22-XDL-G-GB1
2.40
M22-XDLH-G-GB1
3.40
Red
OFF
M22-XDL-R-GB5
2.40
M22-XDLH-R-GB5
3.40
Green
ON
M22-XDL-G-GB6
2.40
M22-XDLH-G-GB6
3.40
Blue
RESET
M22-XDL-B-GB14
2.40
M22-XDLH-B-GB14
3.40
Red
M22-XDL-R-X0
2.40
M22-XDLH-R-X0
3.40
Green
M22-XDL-G-X1
2.40
M22-XDLH-G-X1
3.40
Blue
M22-XDL-B-X6
2.40
M22-XDLH-B-X6
3.40
Description
Catalog
Number
Price
U.S. $
Mounting Adapter
M22-A
2.90
Mounting Adapter, 4-Position
M22-A4
5.60
Mounting
Location
Terminal Type
Contact
Configuration
Package
Qty.
Catalog Number
Price
U.S. $
Front
Screw
NO
1
M22-K10
10.00
NO
25
M22-K10-B25
250.00
NO
100
M22-K10-B100
1,000.00
NO, Early-Make
1
M22-K10P
11.00
NC
1
M22-K01
10.00
NC
25
M22-K01-B25
250.00
NC
100
M22-K01-B100
1,000.00
NC, Late-Break
1
M22-K01D
11.00
Base
NO
1
M22-KC10
10.00
NC
1
M22-KC01
10.00
NO
25
M22-KC10-B25
250.00
NO
100
M22-KC10-B100
1,000.00
NC
25
M22-KC01-B25
250.00
NC
100
M22-KC01-B100
1,000.00
Front
Spring-Cage
NO
1
M22-CK10
13.00
NC
1
M22-CK01
13.00
NC, Late-Break
1
M22-CK01D
11.00
2NO
1
M22-CK20
23.00
2NC
1
M22-CK02
23.00
NO-NC
1
M22-CK11
23.00
Base
NO
1
M22-CKC10
13.00
NC
1
M22-CKC01
13.00
M22-XDLH-W
M22-XDL-G
M22-A
M22-A4
M22-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89