Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78L08ABD13TR Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części L78L08ABD13TR
Szczegółowy opis  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABD13TR Arkusz danych(HTML) 5 Page - STMicroelectronics

  L78L08ABD13TR Datasheet HTML 1Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 2Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 3Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 4Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 5Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 6Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 7Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 8Page - STMicroelectronics L78L08ABD13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
DocID2145 Rev 22
5/47
L78L
Maximum ratings
47
3
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
VO = 3.3 to 9 V
30
V
VO = 12 to 15 V
35
VO = 18 to 24 V
40
IO
Output current
100
mA
PD
Power dissipation
Internally limited (1)
1.
Our SO-8 package used for voltage regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the
die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78LxxAC /
L78LxxC
0 to 125
°C
for L78LxxAB
-40 to 125
Table 2. Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case (max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient (max)
55 (1)
200
55 (1)
°C/W
1.
Considering 6 cm² of copper Board heat-sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com