Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STOD13ATPUR Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części STOD13ATPUR
Szczegółowy opis  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 12Page - STMicroelectronics STOD13ATPUR Datasheet HTML 13Page - STMicroelectronics STOD13ATPUR Datasheet HTML 14Page - STMicroelectronics STOD13ATPUR Datasheet HTML 15Page - STMicroelectronics STOD13ATPUR Datasheet HTML 16Page - STMicroelectronics STOD13ATPUR Datasheet HTML 17Page - STMicroelectronics STOD13ATPUR Datasheet HTML 18Page - STMicroelectronics STOD13ATPUR Datasheet HTML 19Page - STMicroelectronics STOD13ATPUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application information
STOD13A
16/24
Doc ID 022599 Rev 1
7.2
Recommended PCB layout
The STOD13A is high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected together
at the CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize the ground noise, a common ground node for power ground and a
different one for analog ground must be used. In the recommended layout, the AGND node
is placed close to CREF ground while the PGND node is centered at CIN ground. They are
connected by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
Figure 12.
Top layer and silk-screen (top view, not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24