| Zakładka z wyszukiwarką danych komponentów |
|
TSB41AB2PAPG4 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41AB2PAPG4 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 55 page ![]() TSB41AB2, TSB41AB2I IEEE 1394a2000 TWOPORT CABLE TRANSCEIVER/ARBITER SLLS424G − JUNE 2000 − REVISED DECEMBER 2004 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION designing with the PowerPAD package (continued) Other requirements for thermal lands and thermal vias are detailed in PowerPAD Thermally Enhanced Package Technical Brief, TI literature number SLMA002, available via the TI Web pages beginning at URL http://www.ti.com. Figure 12. Example of a Thermal Land for the TSB41AB2PAP PHY For the TSB41AB2, this thermal land should be grounded to the low impedance ground plane of the device. This improves not only thermal performance but also the electrical grounding of the device. It is also recommended that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size should be as large as possible without shorting device signal terminals. The thermal land may be soldered to the exposed PowerPAD using standard reflow soldering techniques. While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is recommended that the thermal land be connected to the low-impedance ground plane for the device. More information may be obtained from the TI application report Recommendations for PHY Layout, TI literature number SLLA020. internal register configuration There are 16 accessible internal registers in the TSB41AB2. The configuration of the registers at addresses 0h through 7h (the base registers) is fixed, while the configuration of the registers at addresses 8h through Fh (the paged registers) is dependent upon which one of eight pages, numbered 0 through 7, is currently selected. The selected page is set in base register 7. The configuration of the base registers is shown in Table 1, and corresponding field descriptions are given in Table 2. The base register field definitions are unaffected by the selected page number. A reserved register or register field (marked as Reserved or Rsvd in register configuration tables) is read as 0, but is subject to future usage. All registers in pages 2 through 6 are reserved. Table 1. Base Register Configuration ADDRESS BIT POSITION 0 1 2 3 4 5 6 7 0000 Physical ID R CPS 0001 RHB IBR Gap_Count 0010 Extended (111b) Num_Ports (00010b) 0011 PHY_Speed (010b) Rsvd Delay (0000b) 0100 LCtrl C Jitter (000b) Pwr_Class 0101 RPIE ISBR CTOI CPSI STOI PEI EAA EMC 0110 Reserved 0111 Page_Select Rsvd Port_Select |