| Zakładka z wyszukiwarką danych komponentów |
|
DR334-124 Arkusz danych(PDF) 1 Page - Datatronic Distribution, Inc. |
|
|
|||||||||||||||||||||||||||||
DR334-124 Arkusz danych(HTML) 1 Page - Datatronic Distribution, Inc. |
|
|
1 / 1 page ![]() November 3, 2011 DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice. SMD INDUCTOR DR334 SERIES Features Low Profile Surface Mount Design Inductance Range from 4.7µH to 1000µH Operating Temp. -20°C to +80°C Tinned Leads with Leaded Solder is Available (note 6) ELECTRICAL SPECIFICATIONS AT 25ºC PART No. INDUCTANCE ( H) DCR ( ) Max. RATED CURRENT (A) Max. DR334-472 4.7 20% @ 7.96MHz,0.1V 0.043 1.50 DR334-103 10 20% @ 2.52MHz,0.1V 0.10 1.44 DR334-123 12 20% @ 2.52MHz,0.1V 0.12 1.35 DR334-153 15 20% @ 2.52MHz,0.1V 0.14 1.30 DR334-183 18 20% @ 2.52MHz,0.1V 0.15 1.23 DR334-223 22 20% @ 2.52MHz,0.1V 0.18 1.11 DR334-273 27 20% @ 2.52MHz,0.1V 0.20 0.97 DR334-333 33 20% @ 2.52MHz,0.1V 0.23 0.88 DR334-393 39 20% @ 2.52MHz,0.1V 0.32 0.80 DR334-473 47 20% @ 2.52MHz,0.1V 0.37 0.72 DR334-563 56 10% @ 2.52MHz,0.1V 0.42 0.68 DR334-683 68 10% @ 2.52MHz,0.1V 0.46 0.61 DR334-823 82 10% @ 2.52MHz,0.1V 0.60 0.58 DR334-104 100 10% @ 1kHz,0.1V 0.70 0.52 DR334-124 120 10% @ 1kHz,0.1V 0.93 0.48 DR334-154 150 10% @ 1kHz,0.1V 1.10 0.40 DR334-184 180 10% @ 1kHz,0.1V 1.38 0.38 DR334-224 220 10% @ 1kHz,0.1V 1.57 0.35 DR334-334 330 10% @ 1kHz,0.1V 1.80 0.28 DR334-474 470 10% @ 1kHz,0.1V 2.90 0.25 DR334-684 680 10% @ 1kHz,0.1V 4.20 0.22 DR334-105 1000 10% @ 1kHz,0.1V 5.70 0.18 MECHANICAL OUTLINES NOTES: 1. All dimensions are shown in millimeters “mm”[inches “in”]. 2. General tolerance 0.25mm[0.010 IN.], unless otherwise specified. 3. Reel quantity 1500/reel 4. Terminal finish is compliant to RoHS requirements 5. Solder in accordance with J-STD-002 Rev. D 6. Non-RoHS series parts 42-334-XXX are finished with leaded solder Sn60Pb40 or equivalent 1 5.40 [0.212] 5.80 ±0.30 [0.228] 5.20 ±0.30 [0.205] 3.00 [0.118] XXX SIDE VIEW TOP VIEW PCB SOLDER PAD LAYOUT (REF.) BOTTOM VIEW SCHEMATIC 2 4.50 ±0.35 [0.177] 1.30 [0.051] 5.90 [0.232] 1.50 [0.059] |
Podobny numer części - DR334-124 |
|
Podobny opis - DR334-124 |