Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

80960KB Arkusz danych(PDF) 13 Page - Intel Corporation

Numer części 80960KB
Szczegółowy opis  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Arkusz danych(HTML) 13 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
80960KB
7
1.1.9
Interrupt Handling
The 80960KB can be interrupted in two ways: by the
activation of one of four interrupt pins or by sending
a message on the processor’s data bus.
The 80960KB is unusual in that it automatically
handles interrupts on a priority basis and can keep
track of pending interrupts through its on-chip
interrupt controller. Two of the interrupt pins can be
configured to provide 8259A-style handshaking for
expansion beyond four interrupt lines.
1.1.10 Debug Features
The 80960KB has built-in debug capabilities. There
are two types of breakpoints and six trace modes.
Debug features are controlled by two internal 32-bit
registers:
the
Process-Controls
Word
and
the
Trace-Controls Word. By setting bits in these control
words, a software debug monitor can closely control
how
the
processor
responds
during
program
execution.
The 80960KB provides two hardware breakpoint
registers
on-chip
which,
by
using
a
special
command, can be set to any value. When the
instruction pointer matches either breakpoint register
value, the breakpoint handling routine is automati-
cally called.
The 80960KB also provides software breakpoints
through the use of two instructions: MARK and
FMARK. These can be placed at any point in a
program and cause the processor to halt execution
at that point and call the breakpoint handling routine.
The breakpoint mechanism is easy to use and
provides a powerful debugging tool.
Tracing is available for instructions (single step
execution), calls and returns and branching. Each
trace type may be enabled separately by a special
debug instruction. In each case, the 80960KB
executes the instruction first and then calls a trace
handling routine (usually part of a software debug
monitor). Further program execution is halted until
the routine completes, at which time execution
resumes at the next instruction. The 80960KB’s
tracing mechanisms, implemented completely in
hardware, greatly simplify the task of software test
and debug.
1.1.11 Fault Detection
The 80960KB has an automatic mechanism to
handle faults. Fault types include floating point, trace
and arithmetic faults. When the processor detects a
fault, it automatically calls the appropriate fault
handling routine and saves the current instruction
pointer and necessary state information to make
efficient recovery possible. Like interrupt handling
routines, fault handling routines are usually written to
meet the needs of specific applications and are often
included as part of the operating system or kernel.
For each of the fault types, there are numerous
subtypes that provide specific information about a
fault. For example, a floating point fault may have
the subtype set to an Overflow or Zero-Divide fault.
The fault handler can use this specific information to
respond correctly to the fault.
1.1.12 Built-in Testability
Upon reset, the 80960KB automatically conducts an
exhaustive internal test of its major blocks of logic.
Then, before executing its first instruction, it does a
zero check sum on the first eight words in memory to
ensure that the memory image was programmed
correctly. If a problem is discovered at any point
during
the
self-test,
the
80960KB
asserts
its
FAILURE pin and will not begin program execution.
Self test takes approximately 47,000 cycles to
complete.
System manufacturers can use the 80960KB’s
self-test feature during incoming parts inspection. No
special diagnostic programs need to be written. The
test is both thorough and fast. The self-test capability
helps ensure that defective parts are discovered
before systems are shipped and, once in the field,
the self-test makes it easier to distinguish between
problems caused by processor failure and problems
resulting from other causes.
1.1.13 CHMOS
The 80960KB is fabricated using Intel’s CHMOS IV
(Complementary High Speed Metal Oxide Semicon-
ductor) process. The 80960KB is currently available
in 16, 20 and 25 MHz versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com