| Zakładka z wyszukiwarką danych komponentów |
|
TLC548CDRG4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC548CDRG4 Arkusz danych(HTML) 6 Page - Texas Instruments |
|
6 / 20 page ![]() TLC548C, TLC548I, TLC549C, TLC549I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION See Note B 0.4 V 2.4 V tf(bus) Output tr(bus) 0.8 V 2.4 V 0.8 V td DATA OUT VOLTAGE WAVEFORMS FOR RISE AND FALL TIMES VOLTAGE WAVEFORMS FOR DELAY TIME VCC 3 k Ω 3 k Ω VCC See Note B 50% 50% 0 V 0 V tPLZ I/O CLOCK VOLTAGE WAVEFORMS FOR ENABLE AND DISABLE TIMES Output Waveform 1 (see Note C) tPHZ VOH 90% 10% tPZL 0 V VCC 50% CS LOAD CIRCUIT FOR tPZL AND tPLZ LOAD CIRCUIT FOR tPZH AND tPHZ LOAD CIRCUIT FOR td, tr, AND tf See Note B Output Under Test Test Point 3 k Ω 1.4 V Output Waveform 2 (see Note C) CL (see Note A) Output Under Test Test Point CL (see Note A) Output Under Test Test Point CL (see Note A) tPZH 50% NOTES: A. CL = 50 pF for TLC548 and 100 pF for TLC549; CL includes jig capacitance. B. ten = tPZH or tPZL, tdis = tPHZ or tPLZ. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. Figure 1. Load Circuits and Voltage Waveforms |