Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8-SKRAIS Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STM8-SKRAIS
Szczegółowy opis  Raisonances complete, low-cost starter kits for STM8 and ST7
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8-SKRAIS Arkusz danych(HTML) 2 Page - STMicroelectronics

  STM8-SKRAIS Datasheet HTML 1Page - STMicroelectronics STM8-SKRAIS Datasheet HTML 2Page - STMicroelectronics STM8-SKRAIS Datasheet HTML 3Page - STMicroelectronics STM8-SKRAIS Datasheet HTML 4Page - STMicroelectronics STM8-SKRAIS Datasheet HTML 5Page - STMicroelectronics STM8-SKRAIS Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Architecture
STM8-SK/RAIS STM8-D/RAIS ST7-SK/RAIS ST7-D/RAIS
2/6
Doc ID 11271 Rev 6
Architecture
Embedded RLink: In-circuit debugging and programming tool that uses SWIM for the
STM8, in-circuit communication (ICC) for the ST7 and supports the JTAG protocol. It
interfaces with the host PC via a USB connection.
REva mother board: Universal evaluation board designed for quick and easy evaluation of
a complete range of features (I/Os, ADC, SPI, CAN, I2C...) for a variety of STM8 and ST7s.
It is powered from the RLink’s USB connection to the host PC.
REva daughterboards: Interchangeable boards featuring different STM8 and ST7
microcontrollers, make it easy to evaluate and develop applications for a complete range of
MCUs from a single evaluation platform. All boards have a clock source selection jumper,
and an oscillator footprint. See Table 1 and Table 2 for details.
Raisonance’s software: RLink can be driven by Raisonance’s Ride7 or RFlasher7.
Ride7: Drives the RLink and offers seamless control of software development tools
(project manager, editor, compiler, assembler, linker, debugger, etc.) from an intuitive
graphical interface. It offers full integration of the relevant C/C++ toolsets, project
management, code editor and SIMICE instruction set simulator. Ride7 includes:
RBuilder allows users to rapidly configure device peripherals in a GUI and
generate the C source code for peripherals at the click of a button without writing a
single line of code
SIMICE simulator
Raisonance STM8 and ST7 C compiler, free download version allows compiling
up to 2 Kbytes code (Effective Date: April 1st, 2013).
High-level language debugging
Project manager
Color syntax highlighting editor
Free downloads of evaluation versions with unlimited debugging from
www.raisonance.com
The optional CodeCompressor allows post-link optimization of the entire
applications code using optimizations like in-lining, factorizing and peepholing,
which can reduce application code by 5 to 15%.
RFlasher7: Raisonance’s easy-to-use device programming interface drives RLink and
allows users to erase, program, view and verify microcontroller memory. RFlasher7
also includes automated mode for automatic execution of programming sequences for
mass programming and project mode that allows users to save their programming
configurations. In this operating mode, tasks become intuitive and can be achieved with
only a few clicks such as:
Flash memory erasing and programming,
Flash or RAM memory dumping,
blank check, programming verifications,
mass programming process.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com