| Zakładka z wyszukiwarką danych komponentów |
|
ZPY16 Arkusz danych(PDF) 1 Page - General Semiconductor |
|
|
|||||||||||||||||||||||||||||
ZPY16 Arkusz danych(HTML) 1 Page - General Semiconductor |
|
1 / 5 page ![]() ZPY1 THRU ZPY100 ZENER DIODES FEATURES ♦ Silicon Planar Power Zener Diodes ♦ For use in stabilizing and clipping circuits with high power rating ♦ The Zener voltages are graded according to the international E12 standard. Smaller voltage tolerances and other Zener voltages are available upon request. ♦ These diode are also available in the MELF case with type designation ZMY1 … ZMY100. MECHANICAL DATA Case: DO-41 Glass Case Weight: approx. 0.35 g MAXIMUM RATINGS Ratings at 25°C ambient temperature unless otherwise specified. max. ∅ Cathode 0.034 (0.86) Mark max. ∅ 0.102 (2.6) DO-41 Glass Dimensions are in inches and (millimeters) SYMBOL MIN. TYP. MAX. UNIT Thermal Resistance RthJA – – 1301) °C/W Junction to Ambient Air NOTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. 12/16/98 SYMBOL VALUE UNIT Zener Current (see Table “Characteristics”) Power Dissipation at Tamb = 25°C Ptot 1.31) Watts Junction Temperature Tj 175 °C Storage Temperature Range TS – 55 to +175 °C |
Podobny numer części - ZPY16 |
|
Podobny opis - ZPY16 |