Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ85 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SMBJ85
Szczegółowy opis  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ85 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SMBJ85 Datasheet HTML 1Page - Vishay Siliconix SMBJ85 Datasheet HTML 2Page - Vishay Siliconix SMBJ85 Datasheet HTML 3Page - Vishay Siliconix SMBJ85 Datasheet HTML 4Page - Vishay Siliconix SMBJ85 Datasheet HTML 5Page - Vishay Siliconix SMBJ85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88392
Revision: 04-Sep-07
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBJ5.0
KD
KD
6.40
7.82
10
5.0
800
62.5
9.6
(+)SMBJ5.0A (5)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBJ6.0
KF
KF
6.67
8.15
10
6.0
800
52.6
11.4
(+)SMBJ6.0A
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBJ6.5
KH
AH
7.22
8.82
10
6.5
500
48.8
12.3
(+)SMBJ6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBJ7.0
KL
KL
7.78
9.51
10
7.0
200
45.1
13.3
(+)SMBJ7.0A
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBJ7.5
KN
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
(+)SMBJ7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBJ8.0
KQ
AQ
8.89
10.9
1.0
8.0
50
40.0
15.0
(+)SMBJ8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBJ8.5
KS
AS
9.44
11.5
1.0
8.5
20
37.7
15.9
(+)SMBJ8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBJ9.0
KU
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
(+)SMBJ9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBJ10
KW
AW
11.1
13.6
1.0
10
5.0
31.9
18.8
(+)SMBJ10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBJ11
KY
KY
12.2
14.9
1.0
11
5.0
29.9
20.1
(+)SMBJ11A
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBJ12
LD
BD
13.3
16.3
1.0
12
5.0
27.3
22.0
(+)SMBJ12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
(+)SMBJ13
LF
LF
14.4
17.6
1.0
13
1.0
25.2
23.8
(+)SMBJ13A
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBJ14
LH
BH
15.6
19.1
1.0
14
1.0
23.3
25.8
(+)SMBJ14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBJ15
LL
BL
16.7
20.4
1.0
15
1.0
22.3
26.9
(+)SMBJ15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBJ16
LN
LN
17.8
21.8
1.0
16
1.0
20.8
28.8
(+)SMBJ16A
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBJ17
LQ
LQ
18.9
23.1
1.0
17
1.0
19.7
30.5
(+)SMBJ17A
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBJ18
LS
BS
20.0
24.4
1.0
18
1.0
18.6
32.2
(+)SMBJ18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBJ20
LU
LU
22.2
27.1
1.0
20
1.0
16.8
35.8
(+)SMBJ20A
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBJ22
LW
BW
24.4
29.8
1.0
22
1.0
15.2
39.4
(+)SMBJ22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBJ24
LY
BY
26.7
32.6
1.0
24
1.0
14.0
43.0
(+)SMBJ24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBJ26
MD
CD
28.9
35.3
1.0
26
1.0
12.9
46.6
(+)SMBJ26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBJ28
MF
MF
31.1
38.0
1.0
28
1.0
12.0
50.0
(+)SMBJ28A
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBJ30
MH
CH
33.3
40.7
1.0
30
1.0
11.2
53.5
(+)SMBJ30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBJ33
ML
CL
36.7
44.9
1.0
33
1.0
10.2
59.0
(+)SMBJ33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBJ36
MN
CN
40.0
48.9
1.0
36
1.0
9.3
64.3
(+)SMBJ36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBJ40
MQ
CQ
44.4
54.3
1.0
40
1.0
8.4
71.4
(+)SMBJ40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com