Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15068 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX15068
Szczegółowy opis  Dual ORing, Single Hot-Swap Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15068 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX15068 Datasheet HTML 1Page - Maxim Integrated Products MAX15068 Datasheet HTML 2Page - Maxim Integrated Products MAX15068 Datasheet HTML 3Page - Maxim Integrated Products MAX15068 Datasheet HTML 4Page - Maxim Integrated Products MAX15068 Datasheet HTML 5Page - Maxim Integrated Products MAX15068 Datasheet HTML 6Page - Maxim Integrated Products MAX15068 Datasheet HTML 7Page - Maxim Integrated Products MAX15068 Datasheet HTML 8Page - Maxim Integrated Products MAX15068 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX15068 offers ORing function and hot-swap
features for two input-supply-rail applications requiring the
safe insertion and removal of circuit line cards from a live
backplane. The device integrates dual ORing MOSFET
controllers, a single hot-swap controller, electronic circuit-
breaker protection, and power monitoring in a single
package. The device is designed to operate from 3.7V to
18V supply voltages.
The device regulates the forward voltage drop across the
ORing MOSFETs to ensure smooth current transfer from
one supply to the other without oscillation. The ORing
MOSFET turns on quickly to reduce the load voltage droop
during supply switchover. If the input supply fails or is short-
ed, a fast turn-off minimizes reverse-current transients.
The device implements a foldback current limit during hot-
swap startup in order to control inrush current, thereby
lowering di/dt and keeping the operation of the hot-swap
MOSFET under safe operating area (SOA). An internal
70ms timer starts counting when the device enters the
hot-swap startup phase. After the hot-swap startup cycle
is completed, on-chip comparators provide active current-
limit protection against short-circuit and overcurrent faults.
The load is disconnected from the input quickly in the
event of a fault condition.
The device provides current monitoring from 3A to 10A
(VIN = 12V, TA = +25°C with RSENSE = 3mΩ) with ±0.6%
accuracy. A voltage proportional to the input current
delivered to the system could be read directly at the
IPMON pin.
The device is factory-calibrated to deliver accurate
overcurrent protection with ±5% accuracy. During an
overcurrent-fault condition, the device enters an autoretry
mode. The device features an adjustable slew-rate control
during startup. Additional features include power-good
and fault-indicator outputs.
The MAX15068 is available in a 20-pin, (4mm x 5mm)
TQFN package and is specified from a -40°C to +125°C
operating temperature range.
Features and Benefits
● 3.7V to 18V Operating Voltage Range (ORing and
Hot Swap)
● 4.8V to 18V Operating Voltage Range (Current
Monitor)
● Seamless Power Transition of Redundant Supplies
● Controls N-Channel MOSFETs
● < 0.5µs Turn-On and Reverse Turn-Off Time
● Current Monitoring (±0.6% Accuracy Typ)
● Programmable Slew-Rate Control
● Adjustable Current-Limit Fault Delay
● Programmable Circuit-Breaker Current Threshold
● Inrush Current Regulated at Startup with
Programmable SOA Control
● Programmable Undervoltage Lockout
● Small (4mm x 5mm) TQFN Package
Applications
● Baseband Station
● Redundant Power Supplies
● Supply Holdup
● Computer Systems and Servers
● Telecom Networks
● Storage Bridge Bay
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX15068.related.
MAX15068
Dual ORing, Single Hot-Swap Controller with
Accurate Current Monitoring
19-6872; Rev 0; 12/13
EVALUATION KIT AVAILABLE


Podobny numer części - MAX15068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15061ATE+ MAXIM-MAX15061ATE+ Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX15062 MAXIM-MAX15062 Datasheet
3Mb / 23P
60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062A MAXIM-MAX15062A Datasheet
863Kb / 8P
60V adjustable, 0.5A DC power supply
Rev 1; 4/19
More results

Podobny opis - MAX15068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
Dual Supply Hot Swap Controller
logo
Summit Microelectronics...
SMH4814 SUMMIT-SMH4814 Datasheet
926Kb / 44P
Dual Feed Active-ORing Programmable Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
Dual Ideal Diode and Single Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
Dual Ideal Diode and Single Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com