Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VCE2.2 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części VCE2.2
Szczegółowy opis  EM Clutch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

VCE2.2 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  VCE2.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCE2.2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
[ EM: Electromagnet ]
┌[ Special ]┐
┌[ Special ]┐
┌[ Special ]┐
VCEHA
VCSHA¹
VCEHA
VCSHA¹
VCEHA
VCSHA¹
Rotor
2.6
2.9
8.1
9.1
24.1
27
Armature
4.5
4.5
11.5
11.5
34.7
34.7
dH7
bJs9
t
A
CH7
E
F
G
H
J
K1
K2
L
57
58
62.5
63.5
72
73
M
N
16.5
17.5
16
17
22
23
O
P
R
S
T
[ Included parts & accessories : surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
3.1 / 1.4
2
6205ZZ
62
M4
13.5
6.6
6004ZZ
6.5
26.5
8
6.5
6.5
50
10
33.5
30
M6
M5
5.5
10 / 4.5
5.7 / 2.6
2
8.5
20
0.5
14
0.4
Moment of Inertia (J)
[kg-cm²]
8.9 / 12
30
0.4
90
5
17.3+0.15/-0
40
6
8
17
5000
35
60
70
17
40
33
Weight [lbs / kg]
Bore [mm]
Key Way [mm]
Dimensions
[mm]
Recommended Hub Bearing
6002ZZ
5.5
40
4000
16
120
80
16
5500
2
Self-Adjusting EM Clutch
Types: 1.2, 2.5, 5
60
70
1.04
23
1.2
2.5
25
0.69
VCEHA / VCSHA
24
1.41
Voltage [DC-V]
Type
Static Torque [ft-lbs / N-m]
5
37 / 50
18 / 25
Armature
Coil
(20°C)
Torque Build-Up Time [ms]
Max Allowable Speed [rpm]
Pull-In Time [ms]
Current [A]
Release Time [ms]
Resistance []
Wattage [W]
78
6
56
28.3+0.2/-0
15
22.8+0.15/-0
20
25
8
49 x 10
7
142
52
6
4.5
16
6
6
Total Energy Until Life [J]
13 x 10
7
25 x 10
7
65
32
113
42
VCEHA / VCSHA



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com