| Zakładka z wyszukiwarką danych komponentów |
|
ML7344J Arkusz danych(PDF) 124 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J Arkusz danych(HTML) 124 Page - List of Unclassifed Manufacturers |
|
124 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 124/151 (8) ED scan ED value will be automatically acquired by issuing RX_ON by [RF_STATU:B0 0x0B] register after setting ED_CALC_EN ([ED_CTRL: B0 0x41(7)])=0b1. ED value is constanty updated when ED_RSLT_SET ([ED_CTRL:B0 0x41(3)] )=0b0. START No ED value calculation completion? [ED_CTRL:B0 0x41(4)] Yes ED calculations enable setting ED value constantly updated setting [ED_CTRL: B0 0x41(7,3)] Read ED value [ED_RSLT:B0 0x3A] Yes Channel change ? No RF channel change [CH_SET:B0 0x09] TRX_OFF issue [RF_STATUS:B0 0x0B] RX_ON issue [RF_STATUS:B0 0x0B] These processes are not necessary if 250μswait is added after RF channel change setting. General purpose timer start [GT_SET:B0 0x32] No Yes To RF state transition wait flow (*1) (*1) general purpose timer setting example If 250μs wait is programmed using general purpose timer 1, The following registers can be used. [GT_CLK_SET:B0 0x33] 0x01(128 division) [GT_INTERVAL1:B0 0x34] 0x04(timer setting) [GT_SET:B0 0x32] 0x03(2MHz clock, timer start) ED value will be acquired by enabling ED calculation after RX_ON issue, ED value will be constantly updated constantly General Timer INT ? [INT_SOURCE_GRP3:B0 0x0F] INT[22]/INT[23] General timer INT clear [INT_SOURCE_GRP3:B0 0x0F] INT[22]/INT[23] |