| Zakładka z wyszukiwarką danych komponentów |
|
ML22804 Arkusz danych(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22804 Arkusz danych(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 41 page ![]() FEDL2280XFULL-04 ML22808/ML22804/Ml22802-XXX • Continuous Playback Timing by the PLAY Command VOH VOL CS Status Playing phrase 1 SCK DI NCR BUSY AOUT 1V Address is being controlled tNCR2 Awaiting command (*1) PLAY command 2 nd byte PLAY command 1 st byte Playing phrase 2 tNCR1 PLAY command 2 nd byte Address is being controlled tcm *1: The “L” level period of the NCR pin during playback varis depending on the timing at which the PLAY command is input. • Silence Insertion Timing by the MUON Command VOH VOL CS Status Playing SCK DI NCR BUSY AOUT 1V Address is being controlled tNCR2 Awaiting command (*1) PLAY command 2 nd byte MUON command 1 st byte Silence is being inserted tNCR1 MUON command 2 nd byte (*1) Playing Waiting for silence insertion to be finished PLAY command 1 st byte PLAY command 2 nd byte tNCR1 tcm *1: The “L” level period of the NCR pin during playback or silence insertion operation varis depending on the timing at which the MUON command is input. 18/41 |