Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E10GSFPLR Arkusz danych(PDF) 36 Page - Intel Corporation

Numer części E10GSFPLR
Szczegółowy opis  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Arkusz danych(HTML) 36 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation E10GSFPLR Datasheet HTML 36Page - Intel Corporation E10GSFPLR Datasheet HTML 37Page - Intel Corporation E10GSFPLR Datasheet HTML 38Page - Intel Corporation E10GSFPLR Datasheet HTML 39Page - Intel Corporation E10GSFPLR Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
Learn more at: www.intel.com/go/raid
INtEL® RAID PREMIUM FEAtURES
These features are available as an upgrade for all Intel® RAID products featuring LSI* SAS2108 processor-based products.
To identify products with this processor, please refer to the “Processor” row of the preceding feature tables. The Premium
Feature Keys are described below.
Premium feature
SSD flash Tiering and
fast-Path I/O
Self-encrypting Drive management Rapid Recovery Snapshot
key Benefits
• SSD Cache allows Solid-State
Drives to be utilitzed as
additional cache for the
RAID controller. Frequently
accessed information is
stored in the cache, allowing
rapid access.
• Fast-Path I/O accelerates
communication with SSD
providing up to 150,000
I/O reads per second for
small, random block-size I/O
activity. This is a dramatic
increase over solutions not
using Fast-Path.
• Encryption Management
enables Authentication
Key management, auto-lock,
and instant erase of
Self-Encrypting Drives.
• All drives eventually leave
the data center and the
use of SED helps reduce risk
of data breaches.
• Instant erase significantly
reduces the cost and time
of repurposing or retiring
drives.
Rapid Recovery Snapshot
allows users to capture source
volume data changes and
either restore files or rollback
applications to a previous Point
in Time (PiT).
• Rapid recovery of lost data
from disk can occur within
minutes, minimizing the
downtime experienced by
users and eliminating the
lengthy process of restoring
data from tape.
• By isolating a server’s boot
volume to a separate virtual
drive and enabling the auto
snapshot feature, users can
be guaranteed that bootable
snapshots exist, should
operating system corruption
occur.
Order Code
AXXRPFKSSD
AXXRPFKDE
AXXRPFKSNSH
availability
May
May
May



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41