| Zakładka z wyszukiwarką danych komponentów |
|
AND3222MST2 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AND3222MST2 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085 Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com 9/30/05 www.purdyelectronics.com Monochromatic Displays Intelligent Graphic Displays (STN, FSTN, BST) See Notes on top of page 4 Part Number Pixel Count W x H Pixel Pitch (mm) W x H Viewing Area (mm) W x H Overall Dimension (mm) W x H x D Driving Voltage (V) Built-In Controller Backlight Contrast Ratio -30 -EL AND1021ST-EO 120 x 64 0.56 x 0.60 62.5 x 43.5 85 x 70 x 20 +5/-8.5 T6963C - EL 4:1 AND1021ST 120 x 64 0.56 x 0.60 62.5 x 43.5 85 x 70 x 20 +5/-8.5 T6963C - - 4:1 AND1261WGST 128 x 64 0.43 x 0.43 60 x 33 75 x 53 x 6.8 +5/-8.0 Built-in Data RAM - - 6:1 AND1261WGST-LED 128 x 64 0.43 x 0.43 60 x 33 75 x 53 x 8.9 +5/-8.0 Built-in Data RAM LED 6:1 AND1263WGST 192 x 128 0.37 x 0.37 77.5 x 54 98 x 86 x 12.7 +5/-13.8 Built-in Data RAM - - 7:1 AND1263WGST-LED 192 x 128 0.37 x 0.37 77.5 x 54 98 x 86 x 12.7 +5/-13.8 Built-in Data RAM LED 7:1 AND1391ST-EO 128 x 128 0.43 x 0.43 62 x 62 84.4 x 100 x 14 +5/-14.5 T6963C - EL 4:1 AND1391ST 128 x 128 0.43 x 0.43 62 x 62 84.4 x 100 x 14 +5/-14.5 T6963C - - 4:1 AND1013ST-EO 160 x 128 0.60 x 0.60 101 x 82 129 x 104.5 x 14 +5/-8.5 T6963C - EL 4:1 AND1013ST-30 160 x 128 0.60 x 0.60 101 x 82 129 x 104.5 x 14 +5/-8.5 T6963C -30 - 4:1 AND711AST-EO 240 x 64 0.53 x 0.53 132 x 39 180 x 65 x 12 +5/-8.5 T6963C - EL 4:1 AND711AST-30 240 x 64 0.53 x 0.53 132 x 39 180 x 65 x 12 +5/-8.5 T6963C -30 - 4:1 AND1781BST 240 x 64 0.53 x 0.53 127.2 x 33.9 180 x 70 x 14 +5/-12.2 T6963C CCFL 6:1 AND1781MST 240 x 64 0.53 x 0.53 127.2 x 33.9 180 x 70 x 14 +5/-13.0 T6963C CCFL 12:1 AND1741MST 240 x 128 0.50 x 0.50 126 x 70 170 x 106 x 14 +5/-18.5 T6963C CCFL 12:1 AND1743FST-T 240 x 128 0.50 x 0.50 132 x 76 170 x 102 x 14 +5/-19.5 T6963C CCFL 6:1 AND1742MST 240 x 128 0.51 x 0.51 134 x 76 180 x 110 x 15.1 +5 SED1330 CCFL 6:1 AND1742MST2 240 x 128 0.51 x 0.51 134 x 76 180 x 110 x 15.1 +5 None CCFL 6:1 AND3222MST2 320 X 240 0.36 X 0.36 120 X 92 148 X 120 X 20.5 +5/-22.0 SED1330 CCFL 6:1 Intelligent Alphanumeric STN Displays All use Hitachi HD44780 controllers or equiv. All displays have 6:00 viewing angle For extended temp. & electroluminescent backlight options, contact factory Part Number Lines x Characters Character Size (mm) W x H Viewing Area (mm) W x H Outline Dimensions (mm) W x H x D Driving Voltage (V) Built-in Controller Backlight AND671GST 1 x 16 3.07 x 6.56 64.5 x 13.8 80 x 36 x 11.3 5 HD44780 – AND671GST-LED 1 x 16 3.07 x 6.56 64.5 x 13.8 80 x 36 x 16 5 HD44780 LED AND471GST 2 x 16 4.84 x 9.66 99 x 24 122 x 44 x 11.3 5 HD44780 – AND471GST-LED 2 x 16 4.84 x 9 .66 99 x 24 122 x 44 x 15.8 5 HD44780 LED AND481GST 2 x 16 2.78 x 4.89 62 x 16 85 x 30 x 10.1 5 HD44780 – AND481GST-LED 2 x 16 2.78 x 4.89 62 x 16 85 x 30 x 15.8 5 HD44780 LED AND491GST 2 x 16 2.95 x 4.35 64.5 x 13.8 80 x 36 x 11.3 5 HD44780 – AND491GST-LED 2 x 16 2.95 x 4.35 64.5 x 13.8 80 x 36 x 15.8 5 HD44780 LED AND731GST 4 x 16 2.95 x 4.75 62 x 25.6 87 x 60 x 8.8 5 HD44780 – AND731GST-LED 4 x 16 2.95 x 4.75 62 x 25.6 87 x 60 x 12.7 5 HD44780 LED AND501GST 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 11.3 5 HD44780 – AND501GST-LED 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 HD44780 LED AND501WGST 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 HD44780 – AND501WGST-LED 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 HD44780 LED AND721GST 4 x 20 2.95 x 4.75 76 x 25.2 98 x 60 x 12 5 HD44780 – AND721GST-LED 4 x 20 2.95 x 4.75 76 x 25.2 98 x 60 x 16 5 HD44780 LED AND771GST 2 x 24 3.2 x 5.50 94.5 x 17.8 118 x 36 x 11.3 5 HD44780 – AND771GST-LED 2 x 24 3.2 x 5.50 94.5 x 17.8 118 x 36 x 15.8 5 HD44780 LED AND591GST 2 x 40 3.2 x 5.55 154 x 15.3 182 x 33.5 x 8.8 5 HD44780 – AND591GST-LED 2 x 40 3.2 x 5.55 154 x 15.3 182 x 33.5 x 12.7 5 HD44780 LED AND791GST 4 x 40 2.78 x 4.89 147 x 29.5 190 x 54 x 10.1 5 HD44780 – AND791GST-LED 4 x 40 2.78 x 4.89 147 x 29.5 190 x 54 x 16.3 5 HD44780 LED |