Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BLK-711N Arkusz danych(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Numer części BLK-711N
Szczegółowy opis  FREQUENCY RANGE: 1 - 1000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Strona internetowa  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

BLK-711N Arkusz danych(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  BLK-711N Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BLOCK
[ 163 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
DC BLOCK
FREQUENCY RANGE: 1 - 1000 MHz
DC BLOCK
Because of their inherent high breakdown potential, the
DC Blocks are ideal for applications where a high voltage,
DC or AC up to 20 KHz, must be rejected from the RF
signal path. Leakage from modulating signals can occur via
AC power lines, through ground loops, or along poorly
grounded coaxial cables. These leakages can impair the
accuracy of RF measurements, and or signal purity.
SINGLE BLOCK
DUAL BLOCK
Impedance is 50 Ohms for all models.
NOTE: For different connector requirements, please contact Synergy.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
FREQUENCY
INSERTION LOSS
VOLTAGE
VSWR
RANGE
(dB)
BREAKDOWN
(MHz)
LB
MB
UB
(Vdc)
LB
MB
UB
TYPE
MODEL
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
TYP/MAX
3-500
0.06/0.20
0.04/0.20
0.10/0.20
2500
1.12:1/1.20:1
1.08:1/1.20:1
1.12:1/1.25:1
Single
BLK-711N
5-500
0.12/0.20
0.10/0.20
0.12/0.25
2500
1.18:1/1.25:1
1.12:1/1.20:1
1.20:1/1.30:1
Dual
BLK-721N
1-1000
0.20/0.30
0.10/0.20
0.40/0.50
2500
1.40:1/1.50:1
1.10:1/1.20:1
1.40:1/1.50:1
Single
BLK-712N
3-900
0.25/0.40
0.15/0.30
0.30/0.40
2500
1.18:1/1.25:1
1.23:1/1.32:1
1.35:1/1.45:1
Dual
BLK-722N
158
For package outline drawing, see back pages.


Podobny numer części - BLK-711N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BLK-010 BOURNS-BLK-010 Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
BLK-010-X-01 BOURNS-BLK-010-X-01 Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
BLK-010-X-02 BOURNS-BLK-010-X-02 Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
BLK-010-X-03 BOURNS-BLK-010-X-03 Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
BLK-010-X-04 BOURNS-BLK-010-X-04 Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
More results

Podobny opis - BLK-711N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12181 MOTOROLA-MC12181 Datasheet
114Kb / 9P
125 - 1000 MHZ FREQUENCY SYNTHESIZER
logo
Pasternack Enterprises,...
PE2003 PASTERNACK-PE2003 Datasheet
86Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 10-1000 MHz 2 OUTPUT PORTS
PE2004 PASTERNACK-PE2004 Datasheet
84Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE 10-1000 MHz 4 OUTPUT PORTS
PE2047 PASTERNACK-PE2047 Datasheet
121Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE 10-1000 MHz 2 OUTPUT PORTS
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
Frequency Range = 240??30 MHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
Frequency Range 2400~2483.5 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com