| Zakładka z wyszukiwarką danych komponentów |
|
U219-000-R Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
U219-000-R Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 3 page ![]() USB to PS/2 Adapter - Keyboard and Mouse (A M to 2x Mini-Din6 F) MODEL NUMBER: U219-000-R Description A fast easy way to connect a PS/2 keyboard and mouse to the USB ports on a computer. All Tripp Lite USB cabling include superior foil shielding for reliable error-free data communications. For KVM switch PS/2 Cable to USB conversion, use Tripp Lite B015-000. Features Connect a PS/2 keyboard and mouse to the USB ports on a computer 6inch Length Tripp Lite Lifetime Warranty Specifications OVERVIEW Intended Application Connecting Peripherals Cable Type USB PHYSICAL Color Black Style USB CONNECTIONS Connector A USB A (MALE) Highlights Connect a PS/2 keyboard and mouse to the USB port on a computer No external power needed Plug-and-play compact design Applications Notebook and desktop computers System Requirements USB computer with free USB port Package Includes USB to PS/2 Adapter 1 / 2 |
Podobny numer części - U219-000-R |
|
Podobny opis - U219-000-R |