Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HAT1024R Arkusz danych(PDF) 4 Page - Hitachi Semiconductor

Numer części HAT1024R
Szczegółowy opis  Silicon P Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1024R Arkusz danych(HTML) 4 Page - Hitachi Semiconductor

  HAT1024R Datasheet HTML 1Page - Hitachi Semiconductor HAT1024R Datasheet HTML 2Page - Hitachi Semiconductor HAT1024R Datasheet HTML 3Page - Hitachi Semiconductor HAT1024R Datasheet HTML 4Page - Hitachi Semiconductor HAT1024R Datasheet HTML 5Page - Hitachi Semiconductor HAT1024R Datasheet HTML 6Page - Hitachi Semiconductor HAT1024R Datasheet HTML 7Page - Hitachi Semiconductor HAT1024R Datasheet HTML 8Page - Hitachi Semiconductor HAT1024R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT1024R
4
Main Characteristics
4.0
3.0
2.0
1.0
0
50
100
150
200
–0.1
–100
–10
–1
–0.1
–0.01
–0.3
–1
–3
–10
–30
–100
–30
–3
–0.3
–0.03
10
µs
100
µs
PW
=
10
ms
1 ms
–20
–16
–12
–8
–4
0
–2
–4
–6
–8
–10
V
= –2.5 V
GS
–10 V
–5 V
–4 V
–3.5 V
–3 V
–20
–16
–12
–8
–4
0
–2
–4
–6
–8
–10
Tc = –25
°C
75
°C
25
°C
–8 V
–6 V
–4.5 V
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Note 5 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
1 Drive
Operation
Operation in
this area is
limited by R DS(on)
Pulse Test
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Note
5
DC
Operation
(PW
<
10
s)
Ta = 25
°C
1 shot Pulse
1 Drive Operation
V
= –10 V
Pulse Test
DS



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com