Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP2104 Arkusz danych(PDF) 2 Page - Supertex, Inc

Numer części TP2104
Szczegółowy opis  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2104 Arkusz danych(HTML) 2 Page - Supertex, Inc

  TP2104 Datasheet HTML 1Page - Supertex, Inc TP2104 Datasheet HTML 2Page - Supertex, Inc TP2104 Datasheet HTML 3Page - Supertex, Inc TP2104 Datasheet HTML 4Page - Supertex, Inc TP2104 Datasheet HTML 5Page - Supertex, Inc TP2104 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TP2104
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Thermal Characteristics
Package
I
D
(continuous)
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@ T
A = 25
O
C
(W)
θ
jc
O
C/W
θ
ja
O
C/W
I
DR
(mA)
I
DRM
(A)
TO-236AB (SOT-23)
-160
-0.8
0.36
200
350
-160
-0.8
TO-92
-250
-1.0
0.74
125
170
-250
-1.0
† I
D (continuous) is limited by max rated Tj .
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
Output
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
RGEN
0V
-10V
Sym
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics (T
A = 25°C unless otherwise specified)
BV
DSS
Drain-to-source breakdown voltage
-40
-
-
V
V
GS = 0V, ID = -1.0mA
V
GS(th)
Gate threshold voltage
-1.0
-
-2.0
V
V
GS = VDS, ID= -1.0mA
∆V
GS(th)
Change in V
GS(th) with temperature
-
5.8
6.5
mV/OC
V
GS = VDS, ID= -1.0mA
I
GSS
Gate body leakage
-
-1.0
-100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
μA
V
GS = 0V, VDS = Max Rating
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-0.6
-
-
A
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source on-state
resistance
-
-
10
Ω
V
GS = -4.5V, ID = -50mA
-
6.0
V
GS = -10V, ID = -500mA
∆R
DS(ON)
Change in R
DS(ON) with temperature
-
0.55
1.0
%/OC
V
GS = -10V, ID = -500mA
G
FS
Forward transconductance
150
200
-
mmho
V
DS = -25V, ID = -500mA
C
ISS
Input capacitance
-
35
60
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0 MHz
C
OSS
Common source output capacitance
-
22
30
C
RSS
Reverse transfer capacitance
-
8.0
10
t
d(ON)
Turn-on delay time
-
4.0
6.0
ns
V
DD = -25V,
I
D = -500mA,
R
GEN = 25Ω
t
r
Rise time
-
4.0
8.0
t
d(OFF)
Turn-off delay time
-
5.0
9.0
t
f
Fall time
-
5.0
8.0
V
SD
Diode forward voltage drop
-
-1.2
-2.0
V
V
GS = 0V, ISD = -500mA
t
rr
Reverse recovery time
-
400
-
ns
V
GS = 0V, ISD = -500mA
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com