Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RNF2 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części RNF2
Szczegółowy opis  General Purpose Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

RNF2 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  RNF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RNF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 10/23/2012
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF/RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
±10 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
100 - 100K
100 - 100K
±25 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
30.1 - 499K
49.9 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 1M
±100 ppm/ºC
100 - 100K
51.1 - 100K
100 - 100K
10 - 1M
1 - 10M
1 - 22M
1 - 22M
±10 ppm/ºC
100 - 100K
100 - 100K
±25 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
10 - 1M
±50 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
1 - 5.11M
1.1M - 10M
±100 ppm/ºC
100 - 100K
1 - 2.2M
1 - 2.2M
1 - 2.2M
1 - 10M
5.6 - 10M
1 - 10M
±25 ppm/ºC
100 - 100K
100 - 300K
100 - 100K
49.9 - 499K
49.9 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 4.99M
±100 ppm/ºC
100 - 100K
100 - 100K
100 - 100K
10 - 1M
1 - 10M
1 - 10M
1 - 10M
±25 ppm/ºC
±50 ppm/ºC
10 - 1M
10 - 470K
±100 ppm/ºC
10 - 1M
1 - 1M
±25 ppm/ºC
-
±50 ppm/ºC
10 - 1M
±100 ppm/ºC
10 - 1M
10 - 1M
±25 ppm/ºC
100 - 100K
100 - 100K
30.1 - 499K
30.1 - 499K
±50 ppm/ºC
100 - 100K
100 - 100K
10 - 1M
1 - 1M
±100 ppm/ºC
100 - 100K
100 - 100K
10 - 1M
1 - 2.15M
1 - 2.2M
1 - 2.2M
±25 ppm/ºC
30.1 - 294K
30.1 - 294K
49.9 - 1M
49.9 - 1M
±50 ppm/ºC
30.1 - 1M
30.1 - 1M
10 - 1M
1 - 1M
±100 ppm/ºC
30.1 - 1M
30.1 - 1M
10 - 1M
1 - 10M
1 - 10M
1 - 10M
(1) Lesser of √PR or maximum working voltage
-
-
-
-
-
-
-
-
-
Ohmic Range ( ) and Tolerance
0.05%
-
-
-
0.1%
0.25%
0.5%
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Maximum
Working
Voltage
(Vrms) (1)
Type /
Code
Mil Ref
Power
Rating
(Watts)
@ 70ºC
1%
2%
5%
-
-
-
-
-
-
-
500V
400V
Resistance
Temperature
Coefficient
Maximum
Overload
Voltage
(Vrms)
700V
350V
800V
350V
700V
250V
0.5W
1W
RNF18
RN 50
0.125W
0.25W
RNF14
RN 55
RNMF14
-
200V
400V
0.25W
RNMF12
RL 07
350V
600V
0.5W
RNF2
-
2W
350V
RNF12
RN 60
RNF1
RN 65
200V
Features: •
Precision metal film
•
Superior electrical, TCR performances
•
Flame-retardant coatings are standard
•
Panasert available (selected sizes: contact factory)
•
RNMF (mini) an ideal choice where size constraints apply
•
RNF 5% replaces MP series
•
RoHS compliant / lead-free
•
Lower or higher resistance values may be possible (contact factory)
Electrical Specifications


Podobny numer części - RNF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RNF2 ETC1-RNF2 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF2 ETC2-RNF2 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNF2 SEI-RNF2 Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
RNF2AAC10K2 SEI-RNF2AAC10K2 Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
RNF2AAC10R0 SEI-RNF2AAC10R0 Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
More results

Podobny opis - RNF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Willow Technologies Ltd
MF-12 WILLOW-MF-12 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
general purpose metal film leaded resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com