Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L7986TR Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części L7986TR
Szczegółowy opis  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR Arkusz danych(HTML) 4 Page - STMicroelectronics

  L7986TR Datasheet HTML 1Page - STMicroelectronics L7986TR Datasheet HTML 2Page - STMicroelectronics L7986TR Datasheet HTML 3Page - STMicroelectronics L7986TR Datasheet HTML 4Page - STMicroelectronics L7986TR Datasheet HTML 5Page - STMicroelectronics L7986TR Datasheet HTML 6Page - STMicroelectronics L7986TR Datasheet HTML 7Page - STMicroelectronics L7986TR Datasheet HTML 8Page - STMicroelectronics L7986TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Pin settings
L7986
4/43
DocID022450 Rev 6
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
OUT
SYNCH
EN
COMP
VCC
GND
FSW
FB
OUT
VCC
OUT
SYNCH
EN
COMP
VCC
GND
FSW
FB
CC
VFQFPN10
HSOP8
Table 1. Pin description
No.
(VFQFPN)
No.
(HSOP)
Type
Description
1 - 2
1
OUT
Regulator output
3
2
SYNCH
Master/slave synchronization. When it is left floating,
a signal with a phase shift of half a period, with respect to the
power turn-on is present at the pin. When connected to an
external signal at a frequency higher than the internal one,
the device is synchronized by the external signal, with zero
phase shift.
Connecting together the SYNCH pin of two devices, the one
with a higher frequency works as master and the other one
as slave; so the two powers turn-ons have a phase shift of
half a period.
43
EN
A logical signal (active high) enables the device. With EN
higher than 1.2 V the device is ON and with EN lower than
0.3 V the device is OFF.
54
COMP
Error amplifier output to be used for loop frequency
compensation.
65
FB
Feedback input. By connecting the output voltage directly to
this pin the output voltage is regulated at 0.6 V. To have
higher regulated voltages an external resistor divider is
required from Vout to the FB pin.
76
FSW
The switching frequency can be increased connecting an
external resistor from the FSW pin and ground. If this pin is
left floating, the device works at its free-running frequency of
250 KHz.
8
7
GND
Ground
9 - 10
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com