Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFS7734PBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRFS7734PBF
Szczegółowy opis  Brushed motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFS7734PBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRFS7734PBF Datasheet HTML 1Page - International Rectifier IRFS7734PBF Datasheet HTML 2Page - International Rectifier IRFS7734PBF Datasheet HTML 3Page - International Rectifier IRFS7734PBF Datasheet HTML 4Page - International Rectifier IRFS7734PBF Datasheet HTML 5Page - International Rectifier IRFS7734PBF Datasheet HTML 6Page - International Rectifier IRFS7734PBF Datasheet HTML 7Page - International Rectifier IRFS7734PBF Datasheet HTML 8Page - International Rectifier IRFS7734PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
IRFB/S/SL7734PbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 5, 2014
Fig 10. Maximum Safe Operating Area
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
75
80
85
90
95
Id = 1.0mA
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
2.8
3.0
3.2
3.4
3.6
Vgs = 5.5V
Vgs = 6.0V
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Fig 11. Drain-to-Source Breakdown Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 9. Typical Source-Drain Diode Forward Voltage
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
Fig 12. Typical Coss Stored Energy
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
Tc = 25°C
Tj = 175°C
Single Pulse
10msec
1msec
OPERATION
IN THIS
AREA
LIMITED BY
RDS(on)
100µsec
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com