| Zakładka z wyszukiwarką danych komponentów |
|
HT9480 Arkusz danych(PDF) 44 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9480 Arkusz danych(HTML) 44 Page - Holtek Semiconductor Inc |
|
44 / 57 page ![]() CLR WDT1 Preclear Watchdog timer Description The PD, TO flags, WDT and the WDT Prescaler are cleared (re-counting from zero), if the other preclear WDT instruction had been executed. Only execu- tion of this instruction without the other preclear instruction sets the indi- cating flag which implies this instruction was executed. The PD and TO flags remain unchanged. Operation WDT and WDT Prescaler ← 00H* PD and TO ← 0* Affected flag(s) TC2 TC1 TO PD OV Z AC C – – 0* 0* –– –– CLR WDT2 Preclear Watchdog timer Description The PD, TO flags, WDT and the WDT Prescaler are cleared (re-counting from zero), if the other preclear WDT instruction had been executed. Only execu- tion of this instruction without the other preclear instruction, sets the indicating flag which implies this instruction was executed. The PD and TO flags remain unchanged. Operation WDT and WDT Prescaler ← 00H* PD and TO ← 0* Affected flag(s) TC2 TC1 TO PD OV Z AC C – – 0* 0* –– –– CPL [m] Complement data memory Description Each bit of the specified data memory is logically complemented (1’s comple- ment). Bits which previously contain a one are changed to zero and vice- versa. Operation [m] ← [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C –– – – – √ –– HT9480 44 23th Feb ’98 |