Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TO-252 Arkusz danych(PDF) 4 Page - Littelfuse

Numer części TO-252
Szczegółowy opis  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-252 Arkusz danych(HTML) 4 Page - Littelfuse

  TO-252 Datasheet HTML 1Page - Littelfuse TO-252 Datasheet HTML 2Page - Littelfuse TO-252 Datasheet HTML 3Page - Littelfuse TO-252 Datasheet HTML 4Page - Littelfuse TO-252 Datasheet HTML 5Page - Littelfuse TO-252 Datasheet HTML 6Page - Littelfuse TO-252 Datasheet HTML 7Page - Littelfuse TO-252 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 4
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
TO-92 Type 70 Reel Pack (RP3) Optional
Meets all EIA-468-B 1994 Standards
TO-92 Type 70 Reel Pack (RP2) Standard
Meets all EIA-468-B 1994 Standards
Flat Up
0.708
(18.0)
1.3
(33.1)
0.5
(12.7)
0.1 (2.54)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17
(360.0)
0.95
(24.1)
0.157
DIA
(4.0)
Flat Down
1.62
(41.2)
0.708
(18.0)
0.354
(9.0)
0.236
(6.0)
0.02
(0.5)
0.50
(12.7)
14.17
(360.0)
0.20
(5.08)
0.125 (3.2) MAX
1.27
(32.2)
1.97
(50.0)
0.50
(12.7)
0.25
(6.35)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.157
DIA
(4.0)



Html Pages

1 2 3 4 5 6 7 8