| Zakładka z wyszukiwarką danych komponentów |
|
ADE203 Arkusz danych(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADE203 Arkusz danych(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 4 page ![]() Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ DE (ADE) ASCTB175E 201202-T DIMENSIONS (mm inch) SAFETY STANDARDS For Cautions for Use. Item UL/C-UL (Recognized) CSA (Certified) VDE (Certified) File No. Contact rating File No. Contact rating File No. Contact rating 1 Form A E120782 PILOT DUTY B300 R300 LR85932 PILOT DUTY B300 R300 115944 8A 250V AC (cos φ=1.0) 1 Form A 1 Form B E120782 PILOT DUTY B300 R300 LR85932 PILOT DUTY B300 R300 115944 8A 250V AC (cos φ=1.0) 2 Form A E120782 PILOT DUTY B300 R300 LR85932 PILOT DUTY B300 R300 115944 8A 250V AC (cos φ=1.0) 5.-(2) Ambient temperature characteristics (1 Form A 1 Form B) Tested sample: ADE309, Ambient temperature: –40 °C to 80°C –40°F to 176°F, Quantity: n=6 5.-(3) Ambient temperature characteristics (2 Form A) Tested sample: ADE209, Ambient temperature: –40 °C to 80°C –40°F to 176°F, Quantity: n=6 –30 –20 –10 0 10 20 30 Ambient temperature, °C °F Drop-out voltage Pick-up voltage –40 –20 20 40 60 80 0 –40 –4 68 104 140 176 32 –30 –20 –10 0 10 20 30 Ambient temperature, °C °F Drop-out voltage Pick-up voltage –40 –20 20 40 60 80 0 –40 –4 68 104 140 176 32 The CAD data of the products with a CAD Data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ External dimensions Single side stable 2 coil latching type Tolerance: ±0.3 ±.012 0.5 dia. 25.0 12.5 7.62 3.5 2.44 15.24 0.8 0.8 0.4 1.0 7.62 12.0 0.5 .020 dia. .984 .492 .300 .138 .096 .600 .032 .032 .016 .039 .300 .472 .020 0.5 dia. 25.0 12.5 7.62 3.5 2.44 12.70 0.8 0.8 0.4 1.0 7.62 12.0 0.5 .020 dia. 0.5 dia. .020 dia. .984 .492 .300 .138 .096 .500 2.54 .100 .032 .032 .016 .039 .300 .472 .020 PC board pattern (Bottom view) Single side stable 2 coil latching type Tolerance : ±0.1 ±.004 7.62 15.24 6-1.2 dia. 7.62 .300 .600 6-.047 dia. .300 8-1.2 dia. 7.62 12.70 7.62 2.54 8-.047 dia. .300 .500 .300 .100 Schematic (Bottom view) Single side stable (1 Form A) (5,6: dummy terminal) (1 Form A 1 Form B) (Deenergized condition) (2 Form A) 4 3 1 86 5 86 5 13 4 86 5 13 4 2coil latching type (1 Form A) (5,6: dummy terminal) (1 Form A 1 Form B) (Reset condition) (2 Form A) 5 6 1 7 8 4 3 2 4 3 2 1 87 6 5 1 5 6 7 8 4 3 2 CAD Data |