| Zakładka z wyszukiwarką danych komponentów |
|
GMS36 Arkusz danych(PDF) 53 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS36 Arkusz danych(HTML) 53 Page - Hynix Semiconductor |
|
53 / 109 page ![]() 5-8 (14) TM n Naming : Test Memory Bit Status : Comparison results to status Format : ê Operand : Bit address 0 õ n õ 3 Function : M(X,Y,n) à 1? ST à 1 when M(X,Y,n)=1, ST à 0 when M(X,Y,n)=0 <Purpose> A test is made to find if the selected memory bit is logic. 1 Status is set depending on the result. (15) BR a Naming : Branch on status 1 Status : Conditional depending on the status Format : ì Operand : Branch address a (Addr) Function : When ST =1 , PA à PB, PC à a(Addr) When ST = 0, PC à PC + 1, ST à 1 Note : PC indicates the next address in a fixed sequence that is actually pseudo-random count. <Purpose> For some programs, normal sequential program execution can be change. A branch is conditionally implemented depending on the status of results obtained by executing the previous instruction. <Comment> • Branch instruction is always conditional depending on the status. a. If the status is reset (logic 0), a branch instruction is not rightly executed but the next instruction of the sequence is executed. b. If the status is set (logic 1), a branch instruction is executed as follows. • Branch is available in two types - short and long. The former is for addressing in the current page and the latter for addressing in the other page. Which type of branch to exeute is decided according to the PB register. To execute a long branch, data of the PB register should in advance be modified to a desired page address through the LPBI instruction. Chapter 5. INSTRUCTION |