| Zakładka z wyszukiwarką danych komponentów |
|
GMS81C2020 Arkusz danych(PDF) 21 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81C2020 Arkusz danych(HTML) 21 Page - Hynix Semiconductor |
|
21 / 92 page ![]() Hyundai Micro Electronics GMS81C2020/GMS81C2120 Nov. 1999 Ver 0.0 preliminary 21 DC Characteristics for Standard Pins( 5V ) ( VDD = 5.0V ± 10%, VSS = 0V, TA = -40 ~ 125°C, fXI = 4 MHz, Vdisp=VDD-40V to VDD) Parameter Pin Symbol Test Condition Specification Unit Min Typ Max Input High Voltage XI, SXI VIH1 0.9VDD VDD+0.3 V RESETB,SIN,R55,SCLK, INT0&1,EC0 VIH2 0.8VDD VDD+0.3 R40~R43,R5,R6,R70~R73 VIH3 0.7VDD VDD+0.3 Input Low Voltage XI, SXI VIL1 -0.3 0.1VDD V RESETB,SIN,R55,SCLK, INT0&1,EC0 VIL2 -0.3 0.2VDD R40~R43,R5,R6,R70~R73 VIL3 -0.3 0.3VDD Output High Voltage R40~R43,R5,R6,R70~R73 BUZO,T0O,PWM1O/T1O, SCLK,SOUT VOH IOH = -0.5mA VDD-0.5 V Output Low Voltage R40~R43,R5,R6,R70~R73 BUZO,T0O,PWM1O/T1O, SCLK,SOUT VOL1 VOL2 IOL = 1.6mA IOL = 10mA 0.4 2 V Input High Leakage Current R40~R43,R5,R6,R70~R73 IIH1 1 uA XI IIH2 1 Input Low Leakage Current R40~R43,R5,R6,R70~R73 IIL1 -1 uA XI IIL2 -1 Input Pull-up Current(*Option) R40~R43,R5,R6,R70~R73 IPU 50 100 180 uA Power Fail Detect Voltage VDD VPFD 2.7 V Current dissipation in active mode VDD IDD fXI=4.2MHz 5 mA Current dissipation in standby mode VDD ISTBY fXI=4.2MHz 2 mA Current dissipation in subactive mode VDD ISUB fXI=Off fSXI=32.7KHz 100 uA Current dissipation in watch mode VDD IWTC fXI=Off fSXI=32.7KHz 20 uA Current dissipation in stop mode VDD ISTOP fXI=Off fSXI=32.7KHz 10 uA Hysteresis RESETB,SIN,R55,SCLK, INT0,INT1,EC0 VT+~VT- 0.4 V Internal RC WDT Frequency XO TRCWDT 10 25 MHz RC Oscillation Frequency XO fRCOSC R= 60K Ω 1.5 2 2.5 MHz |