| Zakładka z wyszukiwarką danych komponentów |
|
ICS1523 Arkusz danych(PDF) 17 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1523 Arkusz danych(HTML) 17 Page - Integrated Circuit Systems |
|
17 / 21 page ![]() Video Clock Synthesizer with I2C Programmable Delay MDS 1523 Y 17 Revision 110905 Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com ICS1523 12.3 HSYNC to REF Timing Figure 12-4 HSYNC to REF Timing Diagram Table 12-4 HSYNC to REF Timing Diagram 12.4 CLK/2 Timing for Odd and Even Feedback Divider Figure 12-5 CLK/2: Even versus Odd For simplicity, the waveforms drawn show only the identical PECL CLK/2+ and the SSTL_3 CLK/2 signals. CLK/2- is the compliment of the CLK/2+ signal. Note that regardless of the CLK\2 phase at the assertion of FUNC, the clocks always have the same phase at the fall of FUNC, regardless of 0x2 Symbol Parameter Minimum Typical Maximum Units T0 HSYNC Low to REF Delay 6 7.5 8.5 ns T1 HSYNC High to REF Delay 3.5 4.3 6 ns REF HSYNC t0 Reg0:2 = 1 REF HSYNC t1 Reg0:2 = 0 t1 t0 FUNC CLK/2 Even - Reg2:0=0 CLK/2 Odd - Reg2:0=1 |