| Zakładka z wyszukiwarką danych komponentów |
|
MB05F Arkusz danych(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED |
|
|
|||||||||||||||||||||||||||||
MB05F Arkusz danych(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED |
|
2 / 2 page ![]() FIG.1 - DERATING CURVE OUTPUT RECTIFIED CURRENT FOR AMBIENT TEMPERATURE.(0C) FIG.2-MAXIMUN NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160 NUMBER OF CYCLES 35 30 25 20 15 10 50 0 1 10 100 Ta=40 0C Single Half Sine-Wave (JEDEC Method) FIG.3 - TYPICAL FORWARD VOLTAGE CHARACTERISTICS PER LEG INSTANTANEOUS FORWARD VOLTAGE.(V) 10 1 0.1 0.01 TJ=250C TJ =1500C TJ=250C PulseWidth=300 s 1% Duty Cycle f=60Hz f=50Hz FIG.4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG PERCENT OF RATED PEAK REVERSE VOLTAGE(%) 100 10 1 0.1 0.01 0 20 40 60 80 100 Aluminum Substrate Glass Epoxy P.C.B. Resistive or Inductive Load 1 Cycle 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 TJ=250C TJ=125 0 C 1 4 10.0 100 100 10 1.0 REVERSE VOLTAGE, VOLTS FIG.5-TYPICAL JUNCTION CAPACITANCE TJ=25℃ ,f=1MHZ MAKO Semiconductor Co., Limited 4008-378-873 www.makosemi.hk |