| Zakładka z wyszukiwarką danych komponentów |
|
ICS9150F-01 Arkusz danych(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9150F-01 Arkusz danych(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 14 page ![]() 6 ICS9150- 01 Byte 1: CPU Clock Register Select Functions Notes: 1. REF is a test clock on the X1 inputs during test mode. Notes: 1 = Enabled; 0 = Disabled, outputs held low Byte 2: PCICLK Clock Register Byte 4: SDRAM Clock Register Notes: 1 = Enabled; 0 = Disabled, outputs held low Notes: 1 = Enabled; 0 = Disabled, outputs held low T I B# N I PD W PN O I T P I R C S E D 7 ti B- 1 d e v r e s e R 6 ti B8 1 ) t c a n I /t c A ( F _ K L C I C P 5 ti B6 11 ) t c a n I /t c A ( 5 K L C I C P 4 ti B4 11 ) t c a n I /t c A ( 4 K L C I C P 3 ti B3 11 ) t c a n I /t c A ( 3 K L C I C P 2 ti B2 11 ) t c a n I /t c A ( 2 K L C I C P 1 ti B1 11 ) t c a n I /t c A ( 1 K L C I C P 0 ti B9 1 ) t c a n I /t c A ( 0 K L C I C P T I B# N I PD W PN O I T P I R C S E D 7 ti B- 1 d e v r e s e R 6 ti B- 1 d e v r e s e R 5 ti B- 1 d e v r e s e R 4 ti B6 41 ) t c a n I /t c A ( 4 K L C U P C 3 ti B8 41 ) t c a n I /t c A ( 3 K L C U P C 2 ti B9 41 ) t c a n I /t c A ( 2 K L C U P C 1 ti B1 51 ) t c a n I /t c A ( 1 K L C U P C 0 ti B2 51 ) t c a n I /t c A ( 0 K L C U P C Byte 3: SDRAM Clock Register Notes: 1 = Enabled; 0 = Disabled, outputs held low N O I T C N U F N O I T P I R C S E D S T U P T U O U P C , I C P F _ I C P M A R D SF E RC I P A O I e t a t S - i r TZ -i HZ -i HZ -i HZ -i HZ -i H e d o M t s e T2 / K L C T 1 4 / K L C T 1 2 / K L C T 1 K L C T 1 K L C T 1 T I B# N I PD W PN O I T P I R C S E D 7 ti B5 31 ) t c a n I /t c A ( 7 M A R D S 6 ti B6 31 ) t c a n I /t c A ( 6 M A R D S 5 ti B8 31 ) t c a n I /t c A ( 5 M A R D S 4 ti B9 31 ) t c a n I /t c A ( 4 M A R D S 3 ti B1 41 ) t c a n I /t c A ( 3 M A R D S 2 ti B2 41 ) t c a n I /t c A ( 2 M A R D S 1 ti B4 41 ) t c a n I /t c A ( 1 M A R D S 0 ti B5 41 ) t c a n I /t c A ( 0 M A R D S T I B# N I PD W PN O I T P I R C S E D 7 ti B4 21 ) t c a n I /t c A ( 5 1 M A R D S 6 ti B5 21 ) t c a n I /t c A ( 4 1 M A R D S 5 ti B2 31 ) t c a n I /t c A ( 3 1 M A R D S y l n O p o t k s e D 4 ti B3 31 ) t c a n I /t c A ( 2 1 M A R D S y l n O p o t k s e D 3 ti B8 11 ) t c a n I /t c A ( 1 1 M A R D S 2 ti B9 11 ) t c a n I /t c A ( 0 1 M A R D S 1 ti B1 21 ) t c a n I /t c A ( 9 M A R D S 0 ti B2 21 ) t c a n I /t c A ( 8 M A R D S |