| Zakładka z wyszukiwarką danych komponentów |
|
ICS94209 Arkusz danych(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94209 Arkusz danych(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 19 page ![]() 3 ICS94209 Third party brands and names are the property of their respective owners. Byte0: Functionality and Frequency Select Register (default = 0) Serial Configuration Command Bitmap Note: PWD = Power-Up Default Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. I 2C is a trademark of Philips Corporation t i Bn o i t p i r c s e DD W P 2 t i B 4 : 7 t i B 2 t i B 7 t i B6 t i B5 t i B4 t i B 0 0 0 0 0 1 e t o N 3 S F2 S F1 S F0 S FU P CM A R D SI C P P G A 0 = L E S P G A 1 = L E S e g a t n e c e r P d a e r p S 000 0 0 7 6 . 6 67 6 . 6 63 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 000 0 1 0 0 . 0 0 10 0 . 0 0 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 000 1 0 7 6 . 6 6 17 6 . 6 6 13 3 . 3 36 6 . 6 66 5 . 5 5d a e r p S r e t n e C % 5 2 . 0 - / + 000 1 1 3 3 . 3 3 13 3 . 3 3 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 00 1 0 0 7 6 . 6 60 0 . 0 0 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 00 1 0 1 0 0 . 0 0 17 6 . 6 63 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 00 1 1 0 0 0 . 0 0 13 3 . 3 3 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 00 1 1 1 3 3 . 3 3 10 0 . 0 0 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 01 0 0 0 0 0 . 2 1 10 0 . 2 1 10 6 . 3 30 2 . 7 60 0 . 6 5d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 0 1 0 0 . 4 2 10 0 . 4 2 10 0 . 1 30 0 . 2 60 5 . 6 4d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 1 0 0 0 . 8 3 10 0 . 8 3 10 5 . 4 30 0 . 9 65 7 . 1 5d a e r p S r e t n e C % 5 2 . 0 - / + 01 0 1 1 0 0 . 0 5 10 0 . 0 5 10 0 . 0 30 0 . 0 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 0 0 7 6 . 6 63 3 . 3 3 13 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S n w o D % 5 . 0 - o t 0 01 1 0 1 0 0 . 0 0 10 0 . 0 5 10 0 . 0 30 0 . 0 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 1 0 0 0 . 0 5 10 0 . 0 0 10 0 . 0 30 0 . 0 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 01 1 1 1 0 0 . 0 6 10 0 . 0 2 10 0 . 0 30 0 . 0 60 0 . 8 4d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 0 0 0 0 . 3 0 10 0 . 3 0 13 3 . 4 37 6 . 8 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 0 1 0 3 . 0 0 10 3 . 0 0 13 4 . 3 37 8 . 6 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 0 0 0 . 0 0 20 0 . 0 0 23 3 . 3 37 6 . 6 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 0 1 1 3 7 . 3 3 13 7 . 3 3 13 4 . 3 37 8 . 6 65 1 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 0 0 0 . 3 0 13 3 . 7 3 13 3 . 4 37 6 . 8 60 5 . 1 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 0 1 3 3 . 7 3 10 0 . 3 0 13 3 . 4 37 6 . 8 60 5 . 1 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 1 0 7 8 . 6 60 3 . 0 0 13 4 . 3 37 8 . 6 65 1 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 10 1 1 1 3 7 . 3 3 10 3 . 0 0 13 4 . 3 37 8 . 6 65 1 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 0 0 0 . 0 1 10 0 . 0 1 10 0 . 3 30 0 . 6 60 0 . 5 5d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 0 1 0 0 . 5 1 10 0 . 5 1 10 5 . 4 30 0 . 9 60 5 . 7 5d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 0 0 0 . 0 4 10 0 . 0 4 10 0 . 5 30 0 . 0 70 5 . 2 5d a e r p S r e t n e C % 5 2 . 0 - / + 11 0 1 1 0 5 . 1 0 10 5 . 1 0 13 8 . 3 37 6 . 7 60 0 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 111 0 0 0 3 . 0 0 13 7 . 3 3 13 4 . 3 37 8 . 6 65 1 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 111 0 1 0 0 . 5 0 10 0 . 0 4 10 0 . 5 30 0 . 0 70 5 . 2 5d a e r p S r e t n e C % 5 2 . 0 - / + 111 1 0 0 0 . 5 0 10 5 . 7 5 10 5 . 1 30 0 . 3 60 5 . 2 5d a e r p S r e t n e C % 5 2 . 0 - / + 111 1 1 3 3 . 5 3 10 5 . 1 0 13 8 . 3 37 6 . 7 65 7 . 0 5d a e r p S r e t n e C % 5 2 . 0 - / + 3 t i B s t u p n I d e h c t a L , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 2 , t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d e l b a n E m u r t c e p S d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o l l a e t a t s i r T - 1 0 |