| Zakładka z wyszukiwarką danych komponentów |
|
IDT29FCT520CP Arkusz danych(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT29FCT520CP Arkusz danych(HTML) 3 Page - Integrated Device Technology |
|
3 / 8 page ![]() 7.2 3 IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER MILITARY AND COMMERCIAL TEMPERATURE RANGES A1 A2 B1 B2 A1 A2 B1 B2 I = 2 I = 1 A1 A2 B1 B2 I = 0 DUAL 2-LEVEL SINGLE 4-LEVEL Figure 1. Data Loading in 2-Level Operation NOTE: 1. I = 3 for hold. 2620 drw 03 CAPACITANCE (TA = +25 °C, f = 1.0MHz) Symbol Parameter (1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF NOTE: 2620 tbl 04 1. This parameter is measured at characterization data but not tested. ABSOLUTE MAXIMUM RATINGS (1) Symbol Rating Commercial Military Unit VTERM (2) Terminal Voltage –0.5 to +7.0 –0.5 to +7.0 V with Respect to GND VTERM (3) Terminal Voltage –0.5 to VCC –0.5 to VCC V with Respect to GND TA Operating 0 to +70 –55 to +125 °C Temperature TBIAS Temperature –55 to +125 –65 to +135 °C Under Bias TSTG Storage –55 to +125 –65 to +150 °C Temperature PT Power Dissipation 0.5 0.5 W IOUT DC Output Current 120 120 mA NOTES: 2620 tbl 03 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Inputs and VCC terminals. 3. Outputs and I/O terminals. |