Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGM4809 Arkusz danych(PDF) 6 Page - SG Micro Corp

Numer części SGM4809
Szczegółowy opis  Headphone Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SGMICRO [SG Micro Corp]
Strona internetowa  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4809 Arkusz danych(HTML) 6 Page - SG Micro Corp

Back Button SGM4809 Datasheet HTML 2Page - SG Micro Corp SGM4809 Datasheet HTML 3Page - SG Micro Corp SGM4809 Datasheet HTML 4Page - SG Micro Corp SGM4809 Datasheet HTML 5Page - SG Micro Corp SGM4809 Datasheet HTML 6Page - SG Micro Corp SGM4809 Datasheet HTML 7Page - SG Micro Corp SGM4809 Datasheet HTML 8Page - SG Micro Corp SGM4809 Datasheet HTML 9Page - SG Micro Corp SGM4809 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Dual 158mW Headphone Amplifier
SGM4809
with Active Low Shutdown Mode
6
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs. Supply Voltage
1
1.2
1.4
1.6
1.8
2
0123
456
Supply Voltage (V)
VIN = 0V
No Load
Dropout Voltage vs. Supply Voltage
0
200
400
600
800
1000
1200
1400
1600
1.522.533.544.555.5
Supply Voltage (V)
8Ω, TOP
8Ω, BOTTOM
32Ω, BOTTOM
32Ω, TOP



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com