| Zakładka z wyszukiwarką danych komponentów |
|
IDT6167LA55DB Arkusz danych(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT6167LA55DB Arkusz danych(HTML) 4 Page - Integrated Device Technology |
|
4 / 8 page ![]() 5.2 4 IDT6167SA/LA CMOS STATIC RAM 16K (16K x 1-BIT) MILITARY AND COMMERCIAL TEMPERATURE RANGES DC ELECTRICAL CHARACTERISTICS VCC = 5.0V ± 10% IDT6167SA IDT6167LA Symbol Parameter Test Condition Min. Max. Min. Max. Unit |ILI| Input Leakage Current VCC = Max., MIL — 10 — 5 µA VIN = GND to VCC COM’L — 5 — 2 |ILO| Output Leakage Current VCC = Max., CS = VIH, MIL — 10 — 5 µA VOUT = GND to VCC COM’L — 5 — 2 VOL Output Low Voltage IOL = 8mA, VCC = Min. — 0.4 — 0.4 V VOH Output High Voltage IOH = –4mA, VCC = Min. 2.4 — 2.4 — V DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES (LA Version Only) VLC = 0.2V, VHC = VCC – 0.2V Typ. (1) Max. VCC @VCC @ Symbol Parameter Test Condition Min. 2.0v 3.0V 2.0V 3.0V Unit VDR VCC for Data Retention — 2.0 — — — — V ICCDR Data Retention Current MIL. — 0.5 1.0 200 300 µA COM’L. — 0.5 1.0 20 30 tCDR Chip Deselect to Data CS ≥ VHC 0— — — — ns Retention Time VIN ≥ VHC or ≤ VLC tR (3) Operation Recovery Time tRC (2) —— —— ns |ILI| (3) Input Leakage Current — — — — 2 2 µA NOTES: 2981 tbl 09 1. TA = +25 °C. 2. tRC = Read Cycle Time. 3. This parameter is guaranteed by device characterization, but is not production tested. LOW VCC DATA RETENTION WAVEFORM 2981 tbl 08 2981 drw 03 DATA RETENTION MODE 4.5V 4.5V VDR ≥ 2V VIH VIH tR tCDR VCC CS VDR |