| Zakładka z wyszukiwarką danych komponentów |
|
CDP6805E2CQ Arkusz danych(PDF) 21 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
CDP6805E2CQ Arkusz danych(HTML) 21 Page - InnovASIC, Inc |
|
21 / 31 page ![]() IA6805E2 Data Sheet Microprocessor Unit As of Production Version 00 Copyright © 2002 ENG21108140100 www.innovasic.com innovASIC Customer Support: The End of Obsolescence ™ Page 21 of 31 1-888-824-4184 Control Instructions: Used to control processor operation during program execution. They are register reference instructions. Function Mnemonic Transfer A to X TAX Transfer X to A TXA Set carry bit SEC Clear carry bit CLC Set interrupt mask bit SEI Clear interrupt mask bit CLI Software interrupt SWI Return from subroutine RTS Return from interrupt RTI Reset stack pointer RSP No-Operation NOP Stop STOP Wait WAIT |