| Zakładka z wyszukiwarką danych komponentów |
|
IDT7142LA55JI Arkusz danych(PDF) 6 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT7142LA55JI Arkusz danych(HTML) 6 Page - Integrated Device Technology |
|
6 / 16 page ![]() 6 IDT7132SA/LA and IDT 7142SA/LA High Speed 2K x 8 Dual Port Static RAM Military, Industrial and Commercial Temperature Ranges 5V 1250 Ω 30pF* 775 Ω DATAOUT 5V 1250 Ω 775 Ω 5pF* DATAOUT 2692 drw 06 *100pF for 55 and 100ns versions 5V 270 Ω 30pF* BUSY *100pF for 55 and 100ns versions , Figure 2. Output Test Load (for tHZ, tLZ, tWZ, and tOW) * Including scope and jig Figure 1. AC Output Test Load Figure 3. BUSY AC Output Test Load AC Test Conditions Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 3ns Max. 1.5V 1.5V Figures 1, 2, and 3 2692 tbl 07 |