| Zakładka z wyszukiwarką danych komponentów |
|
IDT74FCT240APB Arkusz danych(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT74FCT240APB Arkusz danych(HTML) 4 Page - Integrated Device Technology |
|
4 / 8 page ![]() IDT54/74FCT240/241/244/540/541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES 7.8 4 DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V Commercial: TA = 0 °C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC= 5.0V ± 10% NOTES: 2606 tbl 03 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25 °C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. This parameter is guaranteed but not tested. Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit VIH Input HIGH Level Guaranteed Logic HIGH Level 2.0 — — V VIL Input LOW Level Guaranteed Logic LOW Level — — 0.8 V II H Input HIGH Current VCC = Max. VI = VCC —— 5 µA VI = 2.7V — — 5(4) II L Input LOW Current VI = 0.5V — — –5(4) VI = GND — — –5 IOZH Off State (High Impedance) VCC = Max. VO = VCC ——10 µA Output Current VO = 2.7V — — 10(4) IOZL VO = 0.5V — — –10(4) VO = GND — — –10 VIK Clamp Diode Voltage VCC = Min., IN = –18mA — –0.7 –1.2 V IOS Short Circuit Current VCC = Max.(3), VO = GND –60 –120 — mA VOH Output HIGH Voltage VCC = 3V, VIN = VLC or VHC, IOH = –32 µAVHC VCC —V VCC = Min. IOH = –300 µAVHC VCC — VIN = VIH or VIL IOH = –12mA MIL. 2.4 4.3 — IOH = –15mA COM'L. 2.4 4.3 — VOL Output LOW Voltage VCC = 3V, VIN = VLC or VHC, IOL = 300 µA — GND VLC V VCC = Min. IOL = 300 µA — GND VLC(4) VIN = VIH or VIL IOL = 48mA MIL. — 0.3 0.55 IOL = 64mA COM'L. — 0.3 0.55 |